Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 19 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 15Page - Texas Instruments BQ25713 Datasheet HTML 16Page - Texas Instruments BQ25713 Datasheet HTML 17Page - Texas Instruments BQ25713 Datasheet HTML 18Page - Texas Instruments BQ25713 Datasheet HTML 19Page - Texas Instruments BQ25713 Datasheet HTML 20Page - Texas Instruments BQ25713 Datasheet HTML 21Page - Texas Instruments BQ25713 Datasheet HTML 22Page - Texas Instruments BQ25713 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 111 page
background image
7.5 Electrical Characteristics(BQ25730) (continued)
VVBUS_UVLOZ < VVBUS < VVBUSOV_FALL , TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOUT_ LEAK _CMPOUT
Leakage Current
Voltage = 7 V
–1
1
µA
LOGIC OUTPUT OPEN DRAIN (PROCHOT)
VOUT_ LO_PROCHOT
Output saturation
voltage
50 Ω pullup to 1.05 V / 5-mA
300
mV
VOUT_ LEAK_PROCHOT
Leakage current
Voltage = 5.5 V
–1
1
µA
ANALOG INPUT (ILIM_HIZ)
VHIZ_ LO
Voltage to get out of
HIZ mode
ILIM_HIZ pin rising
0.8
V
VHIZ_ HIGH
Voltage to enable HIZ
mode
ILIM_HIZ pin falling
0.4
V
ANALOG INPUT (CELL_BATPRESZ)
VCELL_5S
5s
CELL_BATPRESZ pin voltage as percentage of
REGN = 6 V
90%
100%
VCELL_4S
4s setting
CELL_BATPRESZ pin voltage as percentage of
REGN = 6 V
68.4%
75%
81.5%
VCELL_3S
3s setting
CELL_BATPRESZ pin voltage as percentage of
REGN = 6 V
51.7%
55%
65%
VCELL_2S
2s setting
CELL_BATPRESZ pin voltage as percentage of
REGN = 6 V
35%
40%
48.5%
VCELL_1S
1s setting
CELL_BATPRESZ pin voltage as percentage of
REGN = 6 V
18.4%
25%
31.6%
VCELL_BATPRESZ_RISE
Battery is present
CELL_BATPRESZ rising
18%
VCELL_BATPRESZ_FALL
Battery is removed
CELL_BATPRESZ falling
15%
ANALOG INPUT (COMP1, COMP2)
ILEAK_COMP1
COMP1 Leakage
–120
120
nA
ILEAK_COMP2
COMP2 Leakage
–120
120
nA
7.6 Timing Requirements
MIN
NOM
MAX
UNIT
I2C TIMING CHARACTERISTICS
tr
SCL/SDA rise time
300
ns
tf
SCL/SDA fall time
300
ns
tHIGH
SCL pulse width high
0.6
50
µs
tLOW
SCL pulse width low
1.3
µs
tSU:STA
Setup time for START condition
0.6
µs
tHD:STA
Start condition hold time after which first clock pulse is generated
0.6
µs
tSU:DAT
Data setup time
100
ns
tHD:DAT
Data hold time
300
ns
tSU:STO
Set up time for STOP condition
0.6
µs
tBUF
Bus free time between START and STOP conditions
1.3
µs
fSCL
Clock frequency
10
400
kHz
HOST COMMUNICATION FAILURE
tTIMEOUT
I2C bus release timeout(1)
25
35
ms
tBOOT
Deglitch for watchdog reset signal
10
ms
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com