Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 14Page - Texas Instruments BQ25713 Datasheet HTML 15Page - Texas Instruments BQ25713 Datasheet HTML 16Page - Texas Instruments BQ25713 Datasheet HTML 17Page - Texas Instruments BQ25713 Datasheet HTML 18Page - Texas Instruments BQ25713 Datasheet HTML 19Page - Texas Instruments BQ25713 Datasheet HTML 20Page - Texas Instruments BQ25713 Datasheet HTML 21Page - Texas Instruments BQ25713 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 111 page
background image
7.5 Electrical Characteristics(BQ25730) (continued)
VVBUS_UVLOZ < VVBUS < VVBUSOV_FALL , TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
RDS_LO_ON_Q2
The resistance of the
gate driver loop for
turning on Q2
VBTST1 - VSW1 = 5.5 V
6
Ω
RDS_LO_OFF_Q2
The resistance of the
gate driver loop for
turning off Q2
VBTST1 - VSW1 = 5.5 V
1.7
2.6
Ω
PWM LOW SIDE DRIVER (LODRV Q3)
RDS_LO_ON_Q3
The resistance of the
gate driver loop for
turning on Q3
VBTST2 - VSW2 = 5.5 V
6.8
Ω
RDS_LO_OFF_Q3
The resistance of the
gate driver loop for
turning off Q3
VBTST2 - VSW2 = 5.5 V
2.2
4.6
Ω
INTERNAL SOFT START During Charge Enable
SSSTEP_SIZE
Charge current soft-
start step size
64
mA
SSSTEP_TIME
Charge current soft-
start duration time for
each step
8
us
INTEGRATED BTST DIODE (D1)
VF_D1
Forward bias voltage IF = 20 mA at 25°C
0.8
V
VR_D1
Reverse breakdown
voltage
IR = 2 µA at 25°C
20
V
INTEGRATED BTST DIODE (D2)
VF_D2
Forward bias voltage IF = 20 mA at 25°C
0.8
V
VR_D2
Reverse breakdown
voltage
IR = 2 µA at 25°C
20
V
INTERFACE
LOGIC INPUT (SDA, SCL)
VIN_ LO
Input low threshold
I2C
0.4
V
VIN_ HI
Input high threshold
I2C
1.3
V
LOGIC OUTPUT OPEN DRAIN (SDA, CHRG_OK, CMPOUT)
VOUT_ LO
Output saturation
voltage
5 mA drain current
0.4
V
VOUT_ LEAK
Leakage current
Voltage = 7 V
–1
1
µA
LOGIC INPUT (OTG/VAP/FRS pin)
VIN_ LO_OTG
Input low threshold
0.4
V
VIN_ HI_OTG
Input high threshold
1.3
V
LOGIC OUTPUT OPEN DRAIN SDA
VOUT_ LO_SDA
Output Saturation
Voltage
5 mA drain current
0.4
V
VOUT_ LEAK_SDA
Leakage Current
Voltage = 7 V
–1
1
µA
LOGIC OUTPUT OPEN DRAIN CHRG_OK
VOUT_ LO_CHRG_OK
Output Saturation
Voltage
5 mA drain current
0.4
V
VOUT_ LEAK _CHRG_OK Leakage Current
Voltage = 7 V
–1
1
µA
LOGIC OUTPUT OPEN DRAIN CMPOUT
VOUT_ LO_CMPOUT
Output Saturation
Voltage
5 mA drain current
0.4
V
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com