Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 12Page - Texas Instruments BQ25713 Datasheet HTML 13Page - Texas Instruments BQ25713 Datasheet HTML 14Page - Texas Instruments BQ25713 Datasheet HTML 15Page - Texas Instruments BQ25713 Datasheet HTML 16Page - Texas Instruments BQ25713 Datasheet HTML 17Page - Texas Instruments BQ25713 Datasheet HTML 18Page - Texas Instruments BQ25713 Datasheet HTML 19Page - Texas Instruments BQ25713 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
7.5 Electrical Characteristics(BQ25730) (continued)
VVBUS_UVLOZ < VVBUS < VVBUSOV_FALL , TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VBATOVP_FALL
Overvoltage falling
threshold as
percentage of
VBAT_REG in
REG0x05/04h()
1 s
100%
102%
104%
≥2 s
100%
102%
103%
VBATOVP_HYST
Overvoltage
hysteresis as
percentage of
VBAT_REG in
REG0x05/04h()
1 s
2%
≥2 s
2%
IBATOVP
Discharge current
during BATOVP
Discharge current through VSYS pin
20
mA
CONVERTER OVER-CURRENT COMPARATOR (Q2)
VOCP_lim_Q2
Converter Over-
Current Limit across
Q2 MOSFET drain to
source voltage
Reg0x32[5]=1b
150
mV
Reg0x32[5]=0b
210
mV
VOCP_lim_SYSSHRT_Q2
System Short or SRN
< 2.4 V
Reg0x32[5]=1b
45
mV
Reg0x32[5]=0b
60
mV
CONVERTER OVER-CURRENT COMPARATOR (ACX)
VOCP_lim_ACX
Converter Over-
Current Limit across
ACP-ACN input
current sensing
resistor
Reg0x32[4]=1b; RSNS_RAC=0b
150
mV
Reg0x32[4]=1b; RSNS_RAC=1b
100
mV
Reg0x32[4]=0b;RSNS_RAC=0b
280
mV
Reg0x32[4]=0b; RSNS_RAC=1b
200
mV
VOCP_lim_SYSSHRT_ACX
System Short or SRN
< 2.4 V
Reg0x32[4]=1b;RSNS_RAC=0b
90
mV
Reg0x32[4]=1b;RSNS_RAC=1b
60
mV
Reg0x32[4]=0b;RSNS_RAC=0b
150
mV
Reg0x32[4]=0b;RSNS_RAC=1b
120
mV
THERMAL SHUTDOWN COMPARATOR
TSHUT_RISE
Thermal shutdown
rising temperature
Temperature increasing
155
°C
TSHUTF_FALL
Thermal shutdown
falling temperature
Temperature reducing
135
°C
TSHUT_HYS
Thermal shutdown
hysteresis
20
°C
tSHUT_RDEG
Thermal deglitch
shutdown rising
100
us
tSHUT_FHYS
Thermal deglitch
shutdown falling
12
ms
ICRIT PROCHOT COMPARATOR
IICRIT_PRO
Input current rising
threshold for throttling
as 10% above
ILIM2_VTH
Only when ILIM2 setting is higher than 2A
105%
110%
117%
INOM PROCHOT COMPARATOR
IINOM_PRO
INOM rising threshold
as 10% above
IIN_DPM
105%
110%
116%
BATTERY DISCHARGE CURRENT LIMIT PROCHOT COMPARATOR(IDCHG)
IDCHG_TH1
IDCHG threshold1 for
throttling CPU
Reg0x39[7:2]=010000b, with 5mΩ RSR current
sensing resistor
16.384
A
96%
103%
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com