Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 98 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 98 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 94Page - Texas Instruments BQ25713 Datasheet HTML 95Page - Texas Instruments BQ25713 Datasheet HTML 96Page - Texas Instruments BQ25713 Datasheet HTML 97Page - Texas Instruments BQ25713 Datasheet HTML 98Page - Texas Instruments BQ25713 Datasheet HTML 99Page - Texas Instruments BQ25713 Datasheet HTML 100Page - Texas Instruments BQ25713 Datasheet HTML 101Page - Texas Instruments BQ25713 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 111 page
background image
11 Layout
11.1 Layout Guidelines
Proper layout of the components to minimize high frequency current path loop (see Section 11.2) is important
to prevent electrical and magnetic field radiation and high frequency resonant problems. Here is a PCB layout
priority list for proper layout.
Table 11-1. PCB Layout Guidelines
RULES
COMPONENTS
FUNCTION
IMPACT
GUIDELINES
1
PCB layer stack up
Thermal, efficiency,
signal integrity
Multi- layer PCB is suggested. Allocate at least one ground layer.
The BQ257XXEVM uses a 4-layer PCB (top layer, ground layer,
signal layer and bottom layer).
2
CBUS, RAC, Q1,
Q2
Input loop
High frequency
noise, ripple
VBUS capacitors, RAC, Q1 and Q2 form a small loop 1. It is best
to put them on the same side. Connect them with large copper to
reduce the parasitic resistance. Move part of CBUS to the other
side of PCB for high density design. After RAC before Q1 and
Q2 power stage recommend to put 10 nF + 1 nF (0402 package)
decoupling capacitors as close as possible to IC to decoupling
switching loop high frequency noise.
3
RAC, Q1, L1, Q4
Current path
Efficiency
The current path from VBUS to VSYS, through RAC, Q1, L1, Q4,
has low impedance. Pay attention to via resistance if they are not
on the same side. The number of vias can be estimated as 1 to
2A/via for a 10-mil via with 1 oz. copper thickness.
4
CSYS, Q3, Q4
Output loop
High frequency
noise, ripple
VSYS capacitors, Q3 and Q4 form a small loop 2. It is best to
put them on the same side. Connect them with large copper to
reduce the parasitic resistance. Move part of CSYS to the other
side of PCB for high density design.
5
QBAT, RSR
Current path
Efficiency, battery
voltage detection
Place QBAT and RSR near the battery terminal. The current
path from VBAT to VSYS, through RSR and QBAT, has low
impedance. Pay attention to via resistance if they are not on the
same side. The device detects the battery voltage through SRN
near battery terminal.
6
Q1, Q2, L1, Q3,
Q4
Power stage
Thermal, efficiency
Place Q1, Q2, L1, Q3 and Q4 next to each other. Allow
enough copper area for thermal dissipation. The copper area
is suggested to be 2x to 4x of the pad size. Multiple thermal
vias can be used to connect more copper layers together and
dissipate more heat.
7
RAC, RSR
Current sense
Regulation accuracy Use Kelvin-sensing technique for RAC and RSR current sense
resistors. Connect the current sense traces to the center of the
pads, and run current sense traces as differential pairs.
8
Small capacitors
IC bypass caps
Noise, jittering,
ripple
Place VBUS cap, VCC cap, REGN caps near IC.
9
BST capacitors
HS gate drive
High frequency
noise, ripple
Place HS MOSFET boost strap circuit capacitor close to IC and
on the same side of PCB board. Capacitors SW1/2 nodes are
recommended to use wide copper polygon to connect to power
stage and capacitors BST1/2 node are recommended to use at
least 8mil trace to connected to IC BST1/2 pins.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
98
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com