Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 95 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 95 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 91Page - Texas Instruments BQ25713 Datasheet HTML 92Page - Texas Instruments BQ25713 Datasheet HTML 93Page - Texas Instruments BQ25713 Datasheet HTML 94Page - Texas Instruments BQ25713 Datasheet HTML 95Page - Texas Instruments BQ25713 Datasheet HTML 96Page - Texas Instruments BQ25713 Datasheet HTML 97Page - Texas Instruments BQ25713 Datasheet HTML 98Page - Texas Instruments BQ25713 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 111 page
background image
CH2:IIN
CH3:ISYS
CH4:IBAT
VBUS = 5 V/3.25 A, VBAT = 7.5 V
Figure 9-16. Input Current in Boost Mode
CH1: EN_OTG
CH2: VBUS
VBUS = 5 V
Figure 9-17. OTG Power Up from 8-V Battery
CH1: SCL
CH2: VBUS
CH3: SW2
VBAT = 10 V, VBUS 5 V to 20 V, IOTG = 500 mA
Figure 9-18. OTG Voltage Ramp Up
CH1: SCL
CH2: VBUS
CH3: SW2
Figure 9-19. OTG Power Off
CH2: VBUS
CH3: IVBUS
VBAT = 10 V, VBUS = 20 V
Figure 9-20. OTG Load Transient
CH1:VBUS
CH2:FRS Pin
CH4:ISYS
CH3:IBUS
VBUS = 20 V, VOTG = 5 V, ISYS = 5 A,VBAT = 14.8 V
Figure 9-21. FRS Transition Waveform
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com