Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 35 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 35 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 31Page - Texas Instruments BQ25713 Datasheet HTML 32Page - Texas Instruments BQ25713 Datasheet HTML 33Page - Texas Instruments BQ25713 Datasheet HTML 34Page - Texas Instruments BQ25713 Datasheet HTML 35Page - Texas Instruments BQ25713 Datasheet HTML 36Page - Texas Instruments BQ25713 Datasheet HTML 37Page - Texas Instruments BQ25713 Datasheet HTML 38Page - Texas Instruments BQ25713 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 111 page
background image
If the PROCHOT pulse extension mode is enabled by setting EN_PROCHOT_EXT= 1b, the PROCHOT pin will
be kept low until host writes PROCHOT_CLEAR= 0b, even if the triggering event has been removed.
If the PROCHOT_VINDPM or PROCHOT_EXIT_VAP is triggered, PROCHOT pin will always stay low until
the host clears it, no matter the PROCHOT is in one pulse mode or in extended mode. In order to clear
PROCHOT_VINDPM, host needs to write 0 to STAT_VINDPM. In order to clear PROCHOT_EXIT_VAP, host
needs to write 0 to STAT_EXIT_VAP.
10ms
Debounce
PROCHOT
10ms
+
PP_ICRIT
1.05V
ICRIT
IADPT
+
PP_INOM
INOM
Low Pass
Filter
+
PP_IDCHG1
IDCHG_VTH1
IDCHG1
+
PP_VSYS
VSYS_VTH2
VSYS
+
PP_VINDPM
A*VINDPM
VBUS
EXIT_VAP
(triggered by IN_VAP
falling edge)
PP_CMP
PP_BATPRES
PP_ACOK
CELL_BATPRESZ
(one shot on pin falling edge)
CMPOUT
VBUS
(one shot on pin falling edge)
Adjustable
Deglitch
Fixed
Deglitch
4us
+
PP_IDCHG2
IDCHG_VTH2
IDCHG2
VVBUS_CONVENZ
+
PP_VBUS_VAP
VBUS_VAP_TH
Fixed
Deglitch
4us
Figure 8-4. PROCHOT Profile
8.3.20.1 PROCHOT During Low Power Mode
During low power mode (EN_LWPWR = 1), the charger offers a low power PROCHOT function with very low
quiescent current consumption (~35 μA), which uses the independent comparator to monitor the system voltage,
and assert PROCHOT to CPU if the system power is too high and resulting system voltage is lower than specific
threshold.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com