Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 63 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 63 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 59Page - Texas Instruments BQ25713 Datasheet HTML 60Page - Texas Instruments BQ25713 Datasheet HTML 61Page - Texas Instruments BQ25713 Datasheet HTML 62Page - Texas Instruments BQ25713 Datasheet HTML 63Page - Texas Instruments BQ25713 Datasheet HTML 64Page - Texas Instruments BQ25713 Datasheet HTML 65Page - Texas Instruments BQ25713 Datasheet HTML 66Page - Texas Instruments BQ25713 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 111 page
background image
8.6.11 ChargeOption1 Register (I2C address = 31/30h) [reset = 3F00h]
Figure 8-26. ChargeOption1 Register (I2C address = 31/30h) [reset = 3300h]
7
6
5
4
3
2
1
0
EN_IBAT
EN_PROCHOT
_LPWR
PSYS_CONFIG
RSNS_RAC
RSNS_RSR
PSYS_RATIO
RESERVED
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
CMP_REF
CMP_POL
CMP_DEG
FORCE_CON
V_OFF
EN_PTM
EN_SHIP_DCH
G
AUTO_WAKEU
P_EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-28. ChargeOption1 Register (I2C address = 31h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
EN_IBAT
R/W
0b
IBAT Enable
Enable the IBAT output buffer. In low power mode (EN_LWPWR=1b), IBAT
buffer is always disabled regardless of this bit value.
0b Turn off IBAT buffer to minimize Iq <default at POR>
1b: Turn on IBAT buffer
6
EN_PROCHOT_LPWR
R/W
0b
Enable PROCHOT during battery only low power mode
With battery only, enable VSYS in PROCHOT with low power consumption. Do
not enable this function with adapter present. Refer to Section 8.3.20.1 for more
details.
0b: Disable Independent Comparator low power PROCHOT <default at POR>
1b: Enable Independent Comparator low power PROCHOT
5-4
PSYS_CONFIG
R/W
11b
PSYS Enable and Definition Register
Enable PSYS sensing circuit and output buffer (whole PSYS circuit). In low
power mode (EN_LWPWR=1b), PSYS sensing and buffer are always disabled
regardless of this bit value.
00b: PSYS=PBUS+PBAT
01b: PSYS=PBUS
10b: Reserved
11b: Turn off PSYS buffer to minimize Iq<default at POR>
3
RSNS_RAC
R/W
1b
Input sense resistor RAC
0b: 10 mΩ
1b: 5 mΩ <default at POR>
2
RSNS_RSR
R/W
1b
Charge sense resistor RSR
0b: 10 mΩ
1b: 5 mΩ <default at POR>
1
PSYS_RATIO
R/W
1b
PSYS Gain
Ratio of PSYS output current vs total system power
0b: 0.25 µA/W
1b: 1 µA/W <default at POR>
0
RESERVED
R/W
1b
RESERVED
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com