Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 75 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 75 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 71Page - Texas Instruments BQ25713 Datasheet HTML 72Page - Texas Instruments BQ25713 Datasheet HTML 73Page - Texas Instruments BQ25713 Datasheet HTML 74Page - Texas Instruments BQ25713 Datasheet HTML 75Page - Texas Instruments BQ25713 Datasheet HTML 76Page - Texas Instruments BQ25713 Datasheet HTML 77Page - Texas Instruments BQ25713 Datasheet HTML 78Page - Texas Instruments BQ25713 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 111 page
background image
8.6.17 ChargeOption4 Register (I2C address = 3D/3Ch) [reset = 0048h]
Figure 8-32. ChargeOption4 Register (I2C address = 3D/3Ch) [reset = 0048h]
7
6
5
4
3
2
1
0
VSYS_UVP
EN_Dither
VSYS_UVP_N
O_HICCUP
PP_VBUS_VAP STAT_VBUS_V
AP
R/W
R/W
R/W
R/W
R
7
6
5
4
3
2
1
0
IDCHG_DEG2
IDCHG_TH2
PP_IDCHG2
STAT_IDCHG2
STAT_PTM
R/W
R/W
R/W
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-40. ChargeOption4 Register (I2C address = 3Dh) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-5
VSYS_UVP
R/W
000b
VSYS Under Voltage Lock Out After UVP is triggered the charger enters
hiccup mode, and then the charger is latched off if the restart fails 7
times in 90s The hiccup mode during the UVP can be disabled by setting
0x37[10]=1.
VSYS_UVP
1S~5s
VSYS_UVP
1S~5s
000b
2.4 V(Default)
100b
5.6 V
001b
3.2 V
101b
6.4 V
010b
4.0 V
110b
7.2 V
011b
4.8 V
111b
8.0 V
4-3
EN_DITHER
R/W
00b
Frequency Dither configuration
00b: Disable Dithering<default at POR>
01b: Dither 1X (±2% Fs dithering range)
10b: Dither 2X (±4% Fs dithering range)
11b: Dither 3X (±6% Fs dithering range)
2
VSYS_UVP_NO_HICCUP
R/W
0b
Disable VSYS_UVP Hiccup mode operation:
0b: Enable VSYS_UVP Hiccup mode <default at POR>
1b: Disable VSYS_UVP Hiccup mode
1
PP_VBUS_VAP
R/W
0b
VBUS_VAP PROCHOT Profile
0b: disable <default at POR>
1b: enable
0
STAT_VBUS_VAP
R
0b
PROCHOT profile VBUS_VAP status bit. The status is latched until a read
from host.
0b: Not triggered <default at POR>
1b: Triggered
Table 8-41. ChargeOption4 Register (I2C address = 3Ch) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-6
IDCHG_DEG2
R/W
01b
Battery discharge current limit 2 deglitch time(minimum value)
00b: 100 μs
01b: 1.6 ms <default at POR>
10b: 6 ms
11b: 12 ms
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com