Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 48 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 48 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 44Page - Texas Instruments BQ25713 Datasheet HTML 45Page - Texas Instruments BQ25713 Datasheet HTML 46Page - Texas Instruments BQ25713 Datasheet HTML 47Page - Texas Instruments BQ25713 Datasheet HTML 48Page - Texas Instruments BQ25713 Datasheet HTML 49Page - Texas Instruments BQ25713 Datasheet HTML 50Page - Texas Instruments BQ25713 Datasheet HTML 51Page - Texas Instruments BQ25713 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
Table 8-9. ChargeOption0 Register (I2C address = 00h) Field Descriptions (continued)
BIT
FIELD
TYPE
RESET
DESCRIPTION
2
EN_LDO
R/W
1b
LDO Mode Enable
When battery voltage is below minimum system voltage (REG0x0C()), the
charger is in pre-charge with LDO mode enabled.
0b: Disable LDO mode, BATFET fully ON. Precharge current is set by battery
pack internal resistor.
1b: Enable LDO mode, Precharge current is set by the ChargeCurrent
register and clamped below 384 mA (2 cell – 4 cell, 1cell VBAT<3.0V) or 2A
(1cell 3.0V<VBAT<3.6V). The system is regulated by the VSYS_MIN register.
<default at POR>
1
EN_IIN_DPM
R/W
1b
IIN_DPM Enable
Host writes this bit to enable IIN_DPM regulation loop. When the IIN_DPM
is disabled by the charger (refer to IIN_DPM_AUTO_DISABLE), this bit goes
LOW.
0b: IIN_DPM disabled
1b: IIN_DPM enabled <default at POR>
0
CHRG_INHIBIT
R/W
0b
Charge Inhibit
When this bit is 0, battery charging will start with valid values in the
ChargeVoltage() register and the ChargeCurrent register.
0b: Enable Charge <default at POR>
1b: Inhibit Charge
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com