Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 67 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 67 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 63Page - Texas Instruments BQ25713 Datasheet HTML 64Page - Texas Instruments BQ25713 Datasheet HTML 65Page - Texas Instruments BQ25713 Datasheet HTML 66Page - Texas Instruments BQ25713 Datasheet HTML 67Page - Texas Instruments BQ25713 Datasheet HTML 68Page - Texas Instruments BQ25713 Datasheet HTML 69Page - Texas Instruments BQ25713 Datasheet HTML 70Page - Texas Instruments BQ25713 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
8.6.13 ChargeOption3 Register (I2C address = 35/34h) [reset = 0434h]
Figure 8-28. ChargeOption3 Register (I2C address = 35/34h) [reset = 0434h]
7
6
5
4
3
2
1
0
EN_HIZ
RESET_REG
RESET_VINDP
M
EN_OTG
EN_ICO_MOD
E
EN_PORT_CT
RL
EN_VSYS_MIN
_SOFT_SR
EN_OTG_BIGC
AP
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
BATFET_ENZ EN_VBUS_VAP OTG_VAP_MO
DE
IL_AVG
CMP_EN
BATFETOFF_H
IZ
PSYS_OTG_ID
CHG
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-32. ChargeOption3 Register (I2C address = 35h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
EN_HIZ
R/W
0b
Device HIZ Mode Enable
When the charger is in HIZ mode, the device draws minimal quiescent
current. With VBUS above UVLO. REGN LDO stays on, and system
powers from battery.
0b: Device not in HIZ mode <default at POR>
1b: Device in HIZ mode
6
RESET_REG
R/W
0b
Reset Registers
All the registers are reset to POR default setting except the VINDPM
register.
0b: Idle <default at POR>
1b: Reset all the registers to default values. After reset, this bit goes back
to 0.
5
RESET_VINDPM
R/W
0b
Reset VINDPM Threshold
0b: Idle
1b: Converter is disabled to measure VINDPM threshold. After VINDPM
measurement is done, this bit goes back to 0 and converter starts.
(When battery voltage is lower than VSYS_MIN this function is not
recommended due to potential risk to crash system during VINDPM
measurement .)
4
EN_OTG
R/W
0b
OTG Mode Enable
Enable device in OTG mode when OTG/VAP/FRS pin is HIGH.
0b: Disable OTG <default at POR>
1b: Enable OTG mode to supply VBUS from battery.
3
EN_ICO_MODE
R/W
0b
Enable ICO Algorithm
0b: Disable ICO algorithm. <default at POR>
1b: Enable ICO algorithm.
2
EN_PORT_CTRL
R/W
1b
Enable BATFET control
0b: Disable BATFET control pin by HIZ BATDRV pin
1b: Enable BATFET control pin by activate BATDRV pin
1
EN_VSYS_MIN_SOFT_SR
R/W
0b
Enable VSYS_MIN soft slew rate transition
0b: Disable VSYS_MIN soft slew rate transition <default at POR>
1b:Enable VSYS_MIN soft slew rate transition (1LSB/8μs=12.5mV/μs)
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com