Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 31 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 31 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 27Page - Texas Instruments BQ25713 Datasheet HTML 28Page - Texas Instruments BQ25713 Datasheet HTML 29Page - Texas Instruments BQ25713 Datasheet HTML 30Page - Texas Instruments BQ25713 Datasheet HTML 31Page - Texas Instruments BQ25713 Datasheet HTML 32Page - Texas Instruments BQ25713 Datasheet HTML 33Page - Texas Instruments BQ25713 Datasheet HTML 34Page - Texas Instruments BQ25713 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
Table 8-5. Compensation Configuration
COMPONENT
VALUE
INDUCTOR
COMP1 R1
COMP1 C11
COMP1 C12
COMP2 R2
COMP2 C21
COMP2 C22
400 kHz
4.7 μH
40.2 kΩ
4.7 nF
33 pF
15 kΩ
680 pF
15 pF
800 kHz
3.3 μH
16.9 kΩ
3.3 nF
33 pF
15 kΩ
1200 pF
15 pF
800 kHz
2.2 μH
16.9 kΩ
3.3 nF
33 pF
10 kΩ
1200 pF
15 pF
COMP2
COMP1
C12
R1
C11
R2
C21
C22
Figure 8-2. Compensation RC Network
8.3.13 Continuous Conduction Mode (CCM)
With sufficient charge or system current, the inductor current does not cross 0 A, which is defined as CCM. The
controller starts a new cycle with ramp coming up from 200 mV. As long as the error amplifier output voltage
is above the ramp voltage, the high-side MOSFET (HSFET) stays on. When the ramp voltage exceeds error
amplifier output voltage, HSFET turns off and low-side MOSFET (LSFET) turns on. At the end of the cycle,
ramp gets reset and LSFET turns off, ready for the next cycle. There is always break-before-make logic during
transition to prevent cross-conduction and shoot-through. During the dead time when both MOSFETs are off, the
body-diode of the low-side power MOSFET conducts the inductor current.
During CCM, the inductor current always flows. Having the LSFET turn-on when the HSFET is off keeps the
power dissipation low and allows safe charging at high currents.
8.3.14 Pulse Frequency Modulation (PFM)
In order to improve converter light-load efficiency, BQ25730 switches to PFM operation at light load. The
effective switching frequency will decrease accordingly when system load decreases. The minimum frequency
can be limited to 25 kHz when the OOA feature is enabled (EN_OOA=1b) to avoid audible noise.
8.3.15 Switching Frequency and Dithering Feature
Normally, the IC switches in fixed frequency which can be adjusted through PWM_FREQ register bit. The
Charger also support frequency dithering function to improve EMI performance. This function is disabled by
default with setting EN_DITHER=00b. It can be enabled by setting EN_DITHER=01/10/11b, the switching
frequency is not fixed when dithering is enabled. It varies within determined range by EN_DITHER setting,
01/10/11b is corresponding to ±2%/4%/6% switching frequency. Please contact factory for more detail
information.
8.3.16 Current and Power Monitor
8.3.16.1 High-Accuracy Current Sense Amplifier (IADPT and IBAT)
A high-accuracy current sense amplifier (CSA) is used to monitor the input current during forward charging, or
output current during OTG (IADPT) and the charge/discharge current (IBAT). IADPT voltage is 20× or 40× the
differential voltage across ACP and ACN. IBAT voltage is 8×/16× of the differential across SRP and SRN. After
input voltage or battery voltage is above UVLO, IADPT output becomes valid. To lower the voltage on current
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com