Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 10Page - Texas Instruments BQ25713 Datasheet HTML 11Page - Texas Instruments BQ25713 Datasheet HTML 12Page - Texas Instruments BQ25713 Datasheet HTML 13Page - Texas Instruments BQ25713 Datasheet HTML 14Page - Texas Instruments BQ25713 Datasheet HTML 15Page - Texas Instruments BQ25713 Datasheet HTML 16Page - Texas Instruments BQ25713 Datasheet HTML 17Page - Texas Instruments BQ25713 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
7.5 Electrical Characteristics(BQ25730) (continued)
VVBUS_UVLOZ < VVBUS < VVBUSOV_FALL , TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VSYS_UVLO_HYST
VSYS undervoltage
hysteresis(≥1S)
100
mV
VBUS UNDER VOLTAGE LOCKOUT COMPARATOR
VVBUS_UVLOZ
VBUS undervoltage
rising threshold
VBUS rising
2.35
2.55
2.80
V
VVBUS_UVLO
VBUS undervoltage
falling threshold
VBUS falling
2.2
2.4
2.6
V
VVBUS_UVLO_HYST
VBUS undervoltage
hysteresis
150
mV
VVBUS_CONVEN
VBUS converter
enable rising
threshold
VBUS rising
3.2
3.5
3.9
V
VVBUS_CONVENZ
VBUS converter
enable falling
threshold
VBUS falling
2.9
3.2
3.5
V
VVBUS_CONVEN_HYST
VBUS converter
enable hysteresis
300
mV
BATTERY UNDER VOLTAGE LOCKOUT COMPARATOR
VVBAT_UVLOZ
VBAT undervoltage
rising threshold
VSRN rising
2.35
2.55
2.80
V
VVBAT_UVLO
VBAT undervoltage
falling threshold
VSRN falling
2.2
2.4
2.6
V
VVBAT_UVLO_HYST
VBAT undervoltage
hysteresis
150
mV
VVBAT_OTGEN
VBAT OTG enable
rising threshold
VSRN rising
3.25
3.55
3.85
V
VVBAT_OTGENZ
VBAT OTG enable
falling threshold
VSRN falling
2.15
2.4
2.65
V
VVBAT_OTGEN_HYST
VBAT OTG enable
hysteresis
1150
mV
VBUS UNDER VOLTAGE COMPARATOR (OTG MODE)
VVBUS_OTG_UV
VBUS undervoltage
falling threshold
As percentage of REG0x07/06()
85%
tVBUS_OTG_UV
VBUS time
undervoltage deglitch
7
ms
VBUS OVER VOLTAGE COMPARATOR (OTG MODE)
VVBUS_OTG_OV
VBUS overvoltage
rising threshold
As percentage of REG0x07/06()
110%
tVBUS_OTG_OV
VBUS Time
Overvoltage Deglitch
10
ms
PRE-CHARGE to FAST CHARGE TRANSITION(For ≥2S)
VBAT_VSYS_MIN_RISE
LDO mode to
fast charge mode
threshold, VSRN
rising
as percentage of 0x0D/0C()
98%
100%
102%
VBAT_VSYS_MIN_FALL
LDO mode to
fast charge mode
threshold, VSRN
falling
as percentage of 0x0D/0C()
97.5%
VBAT_VSYS_MIN_HYST
Fast charge mode to
LDO mode threshold
hysteresis
as percentage of 0x0D/0C()
2.5%
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com