Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 64 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 64 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 60Page - Texas Instruments BQ25713 Datasheet HTML 61Page - Texas Instruments BQ25713 Datasheet HTML 62Page - Texas Instruments BQ25713 Datasheet HTML 63Page - Texas Instruments BQ25713 Datasheet HTML 64Page - Texas Instruments BQ25713 Datasheet HTML 65Page - Texas Instruments BQ25713 Datasheet HTML 66Page - Texas Instruments BQ25713 Datasheet HTML 67Page - Texas Instruments BQ25713 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 111 page
background image
Table 8-29. ChargeOption1 Register (I2C address = 30h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
CMP_REF
R/W
0b
Independent Comparator internal Reference
0b: 2.3 V <default at POR>
1b: 1.2 V
6
CMP_POL
R/W
0b
Independent Comparator output Polarity
0b: When CMPIN is above internal threshold, CMPOUT is LOW (internal
hysteresis) <default at POR>
1b: When CMPIN is below internal threshold, CMPOUT is LOW (external
hysteresis)
5-4
CMP_DEG
R/W
00b
Independent comparator deglitch time, only applied to the falling edge of
CMPOUT (HIGH → LOW).
00b: Independent comparator is enabled with output deglitch time 5 µs <default
at POR>
01b: Independent comparator is enabled with output deglitch time of 2 ms
10b: Independent comparator is enabled with output deglitch time of 20 ms
11b: Independent comparator is enabled with output deglitch time of 5 sec
3
FORCE_CONV_OFF
R/W
0b
Force Converter Off function
When independent comparator triggers, (CMPOUT pin pulled down) converter
latches off, at the same time, CHRG_OK signal goes LOW to notify the system.
Charge current is also set to zero internally, but charge current register setting
keeps the same. To get out of converter latches off, firstly the CMPOUT should
be released to high and secondly FORCE_CONV_OFF bit should be cleared
(=0b).
0b: Disable this function <default at POR>
1b: Enable this function
2
EN_PTM
R/W
0b
PTM enable register bit, it will automatically reset to zero
0b: disable PTM. <default at POR>
1b: enable PTM.
1
EN_SHIP_DCHG
R/W
0b
Discharge SRN for Shipping Mode. Used to discharge VBAT pin capacitor
voltage which is necessary for battery gauge device shipping mode.
When this bit is 1, discharge SRN pin down in 140 ms 20 mA. When 140 ms is
over, this bit is reset to 0b automatically. If this bit is written to 0b by host before
140 ms expires, VSYS should stop discharging immediately. Note if after 140-ms
SRN voltage is still not low enough for battery gauge device entering ship mode,
the host may need to start a new 140-ms discharge cycle.
0b: Disable shipping mode <default at POR>
1b: Enable shipping mode
0
AUTO_WAKEUP_EN
R/W
0b
Auto Wakeup Enable
When this bit is HIGH, if the battery is below VSYS_MIN , the device should
automatically enable 256-mA charging current for 30 mins. When the battery is
charged up above minimum system voltage, charge will terminate and the bit is
reset to LOW. The charger will also exit auto wake up if host write a new charge
current value to charge current register Reg0x02().
0b: Disable <default at POR>
1b: Enable
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
64
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com