Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 82 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 82 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 78Page - Texas Instruments BQ25713 Datasheet HTML 79Page - Texas Instruments BQ25713 Datasheet HTML 80Page - Texas Instruments BQ25713 Datasheet HTML 81Page - Texas Instruments BQ25713 Datasheet HTML 82Page - Texas Instruments BQ25713 Datasheet HTML 83Page - Texas Instruments BQ25713 Datasheet HTML 84Page - Texas Instruments BQ25713 Datasheet HTML 85Page - Texas Instruments BQ25713 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 111 page
background image
8.6.21 InputVoltage(VINDPM) Register (I2C address = 0B/0Ah) [reset =VBUS-1.28V]
To set the input voltage limit, write a 16-bit InputVoltage register command (REG0x0B/0A()) using the data
format listed in Figure 8-36, Table 8-48, and Table 8-49.
If the input voltage drops more than the InputVoltage register allows, the device enters VINDPM and reduces the
charge current. The default setting is 1.28 V below the no-load VBUS voltage. There is a fixed DC offset 3.2 V
for all codes.
Figure 8-36. InputVoltage Register (I2C address = 0B/0Ah) [reset = VBUS-1.28V]
7
6
5
4
3
2
1
0
Reserved
Input Voltage,
bit 7
Input Voltage,
bit 6
Input Voltage,
bit 5
Input Voltage,
bit 4
Input Voltage,
bit 3
Input Voltage,
bit 2
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Input Voltage,
bit 1
Input Voltage,
bit 0
Reserved
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-48. InputVoltage Register (I2C address = 0Bh) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-6
Reserved
R/W
00b
Not used. 1 = invalid write.
5
Input Voltage, bit 7
R/W
0b
0 = Adds 0 mV of input voltage.
1 = Adds 8192 mV of input voltage.
4
Input Voltage, bit 6
R/W
0b
0 = Adds 0 mV of input voltage.
1 = Adds 4096 mV of input voltage.
3
Input Voltage, bit 5
R/W
0b
0 = Adds 0 mV of input voltage.
1 = Adds 2048 mV of input voltage.
2
Input Voltage, bit 4
R/W
0b
0 = Adds 0 mV of input voltage.
1 = Adds 1024 mV of input voltage.
1
Input Voltage, bit 3
R/W
0b
0 = Adds 0 mV of input voltage.
1 = Adds 512 mV of input voltage.
0
Input Voltage, bit 2
R/W
0b
0 = Adds 0 mV of input voltage.
1 = Adds 256 mV of input voltage.
Table 8-49. InputVoltage Register (I2C address = 0Ah) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Input Voltage, bit 1
R/W
0b
0 = Adds 0 mV of input voltage.
1 = Adds 128 mV of input voltage.
6
Input Voltage, bit 0
R/W
0b
0 = Adds 0 mV of input voltage.
1 = Adds 64 mV of input voltage
5-0
Reserved
R/W
000000b
Not used. Value Ignored.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
82
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com