Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 53 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 53 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 49Page - Texas Instruments BQ25713 Datasheet HTML 50Page - Texas Instruments BQ25713 Datasheet HTML 51Page - Texas Instruments BQ25713 Datasheet HTML 52Page - Texas Instruments BQ25713 Datasheet HTML 53Page - Texas Instruments BQ25713 Datasheet HTML 54Page - Texas Instruments BQ25713 Datasheet HTML 55Page - Texas Instruments BQ25713 Datasheet HTML 56Page - Texas Instruments BQ25713 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 111 page
background image
8.6.4 ChargerStatus Register (I2C address = 21/20h) [reset = 0000h]
Figure 8-19. ChargerStatus Register (I2C address = 21/20h) [reset = 0000h]
7
6
5
4
3
2
1
0
STAT_AC
ICO_DONE
IN_VAP
IN_VINDPM
IN_IIN_DPM
IN_FCHRG
IN_PCHRG
IN_OTG
R
R
R
R
R
R
R
R
7
6
5
4
3
2
1
0
Fault ACOV
Fault BATOC
Fault ACOC
FAULT
SYSOVP
Fault VSYS
_UVP
Fault
Force_Converte
r_Off
Fault_OTG
_OVP
Fault_OTG
_UVP
R
R
R
R/W
R/W
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-14. ChargerStatus Register (I2C address = 21h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
STAT_AC
R
0b
Input source status. STAT_AC is valid as long as VBUS go within
3.5-V to 26-V range. It is different from CHRG_OK bit, When
CHRG_OK is valid, STAT_AC must be valid, but if STAT_AC is valid,
it is not necessary CHRG_OK is valid. There are Force converter
off, ACOC, TSHUT , SYSOVP, VSYS_UVP, BATOVP can pull low
CHRG_OK.
0b: Input not present
1b: Input is present
6
ICO_DONE
R
0b
After the ICO routine is successfully executed, the bit goes 1.
0b: ICO is not complete
1b: ICO is complete
5
IN_VAP
R
0b
0b: Charger is not operated in VAP mode
1b: Charger is operated in VAP mode
Digital status bit indicates VAP has enabled(1) or disabled(0). The
enable of VAP mode only follows the host command, which is not
blocked by any status of /PROCHOT. The exit of VAP mode also
follows the host command, except that any faults will exit VAP mode
automatically. STAT_EXIT_VAP (REG0x22[8]) becomes 1 which will
pull low /PROCHOT until host clear.
The host can enable VAP by setting OTG/VAP/FRS pin high and
0x32[5]=0, disable VAP by setting either OTG/VAP/FRS pin low
or 0x32[5]=1. Any faults in VAP When IN_VAP bit goes 0->1,
charger should disable VINDPM, IIN_DPM, ICRIT, ILIM pin, disable
PP_ACOK if it is enabled, enable PP_VSYS if it is disabled. When
IN_VAP bit goes 1->0, charger should enable VINDPM, IIN_DPM,
ICRIT, ILIM pin function.
4
IN_VINDPM
R
0b
0b: Charger is not in VINDPM during forward mode, or voltage
regulation during OTG mode
1b: Charger is in VINDPM during forward mode, or voltage
regulation during OTG mode
3
IN_IIN_DPM
R
0b
0b: Charger is not in IIN_DPM during forward mode.
1b: Charger is in IIN_DPM during forward mode.
2
IN_FCHRG
R
0b
0b: Charger is not in fast charge
1b: Charger is in fast charger
1
IN_PCHRG
R
0b
0b: Charger is not in pre-charge
1b: Charger is in pre-charge
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com