Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 62 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 62 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 58Page - Texas Instruments BQ25713 Datasheet HTML 59Page - Texas Instruments BQ25713 Datasheet HTML 60Page - Texas Instruments BQ25713 Datasheet HTML 61Page - Texas Instruments BQ25713 Datasheet HTML 62Page - Texas Instruments BQ25713 Datasheet HTML 63Page - Texas Instruments BQ25713 Datasheet HTML 64Page - Texas Instruments BQ25713 Datasheet HTML 65Page - Texas Instruments BQ25713 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 111 page
background image
8.6.10 ADCVSYS/VBAT Register (I2C address = 2D/2Ch)
• VSYS: Full range: 2.88 V to 19.2 V, LSB: 64 mV (1S-4S)
• VSYS: Full range: 8.16 V to 24.48 V, LSB: 64 mV (5S)
• VBAT: Full range: 2.88 V to 19.2 V, LSB: 64 mV (1S-4S)
• VBAT: Full range: 8.16 V to 24.48 V, LSB: 64 mV (5S)
Figure 8-25. ADCVSYS/VBAT Register (I2C address = 2D/2Ch)
7
6
5
4
3
2
1
0
R
R
R
R
R
R
R
R
7
6
5
4
3
2
1
0
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-26. ADCVSYS Register (I2C address = 2Dh) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-0
R
8-bit Digital Output of System Voltage
Table 8-27. ADCVSYSVBAT Register (I2C address = 2Ch) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-0
R
8-bit Digital Output of Battery Voltage
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
62
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com