Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 34 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 34 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 30Page - Texas Instruments BQ25713 Datasheet HTML 31Page - Texas Instruments BQ25713 Datasheet HTML 32Page - Texas Instruments BQ25713 Datasheet HTML 33Page - Texas Instruments BQ25713 Datasheet HTML 34Page - Texas Instruments BQ25713 Datasheet HTML 35Page - Texas Instruments BQ25713 Datasheet HTML 36Page - Texas Instruments BQ25713 Datasheet HTML 37Page - Texas Instruments BQ25713 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
TOVLD
TMAX
TOVLD
IBUS
ILIM1
ILIM2
ICRIT
ISYS
IBAT
Ba ery Discharge
0A
PROCHOT
ICRIT_DEG
PROCHOT_WIDTH
Figure 8-3. Two-Level Adapter Current Limit Timing Diagram
8.3.20 Processor Hot Indication
The events monitored by the processor hot function includes:
• ICRIT: adapter peak current, as 110% of ILIM2
• INOM: adapter average current (110% of IIN_DPM)
• IDCHG1: battery discharge current level 1
• IDCHG2: battery discharge current level 2, note IDCHG2 threshold is always larger than IDCHG1 threshold
determined by IDCHG_TH2 register setting.
• VBUS_VAP: VBUS threshold to trigger PROCHOT in VAP mode 2 and 3.
• VSYS: system voltage on VSYS pin
• Adapter Removal: upon adapter removal (VBUS is lower than ACOK_TH=3.2 V same as VVBUS_CONVENZ
threshold)
• Battery Removal: upon battery removal (CELL_BATPRESZ pin goes LOW)
• CMPOUT: Independent comparator output (CMPOUT pin HIGH to LOW)
• VINDPM: VBUS lower than 83%/91%/100% of VINDPM setting. The effective threshold PROCHOT_VINDPM
is determined by combination of register PROCHOT_VINDPM_80_90 bit and LOWER_PROCHOT_VINDPM
bit:
– PROCHOT_VINDPM=VINDPM register setting: LOWER_PROCHOT_VINDPM=0b;
– PROCHOT_VINDPM=83% VINDPM register setting:
LOWER_PROCHOT_VINDPM=1b;PROCHOT_VINDPM_80_90=0b;
– PROCHOT_VINDPM=91% VINDPM register setting:
LOWER_PROCHOT_VINDPM=1b;PROCHOT_VINDPM_80_90=1b;
• EXIT_VAP: Every time when the charger exits VAP mode.
The threshold of ICRIT, IDCHG1,IDCHG2,VSYS or VINDPM, and the deglitch time of ICRIT, INOM, IDCHG1,
IDCHG2, or CMPOUT are programmable through I2C register bits. Except the PROCHOT_EXIT_VAP is always
enabled, the other triggering events can be individually enabled in ProchotOption1[7:0], PP_IDCHG2 and
PP_VBUS_VAP. When any enabled event in PROCHOT profile is triggered, PROCHOT is asserted low for
a single pulse with minimal width programmable in PROCHOT_WIDTH register bits. At the end of the single
pulse, if the PROCHOT event is still active, the pulse gets extended until the event is removed.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com