Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 55 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 55 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 51Page - Texas Instruments BQ25713 Datasheet HTML 52Page - Texas Instruments BQ25713 Datasheet HTML 53Page - Texas Instruments BQ25713 Datasheet HTML 54Page - Texas Instruments BQ25713 Datasheet HTML 55Page - Texas Instruments BQ25713 Datasheet HTML 56Page - Texas Instruments BQ25713 Datasheet HTML 57Page - Texas Instruments BQ25713 Datasheet HTML 58Page - Texas Instruments BQ25713 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 111 page
background image
8.6.5 ProchotStatus Register (I2C address = 23/22h) [reset = B800h]
All the status bits in REG0x22[6:0] will be reset after host read.
Figure 8-20. ProchotStatus Register (I2C address = 23/22h) [reset = B800h]
7
6
5
4
3
2
1
0
Reserved
EN_PROCHOT
_EXT
PROCHOT_WIDTH
PROCHOT_CL
EAR
Reserved
STAT_VAP_FAI
L
STAT_EXIT_VA
P
R
R/W
R/W
R/W
R
R/W
R/W
7
6
5
4
3
2
1
0
STAT_VINDPM
STAT_COMP
STAT_ICRIT
STAT_INOM
STAT_IDCHG1
STAT_VSYS
STAT_BAT_Re
moval
STAT_ADPT_R
emoval
R/W
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-16. ProchotStatus Register (I2C address = 23h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Reserved
R
1b
Reserved
6
EN_PROCHOT _EXT
R/W
0b
PROCHOT Pulse Extension Enable. When pulse extension is
enabled, keep the PROCHOT pin voltage LOW until host writes
PROCHOT _CLEAR = 0b.
0b: Disable pulse extension <default at POR>
1b: Enable pulse extension
5-4
PROCHOT _WIDTH
R/W
11b
PROCHOT Pulse Width Minimum PROCHOT pulse width when
EN_PROCHOT _EXT = 0b
00b: 100 us
01b: 1 ms
10b: 5 ms
11b: 10 ms <default at POR>
3
PROCHOT _CLEAR
R/W
1b
PROCHOT Pulse Clear.
Clear PROCHOT pulse when EN_PROCHOT _EXT = 1b.
0b: Clear PROCHOT pulse and drive PROCHOT pin HIGH
1b: Idle <default at POR>
2
Reserved
R
0b
Reserved
1
STAT_VAP_FAIL
R/W
0b
This status bit reports a failure to load VBUS 7 consecutive times
in VAP mode, which indicates the battery voltage might be not
high enough to enter VAP mode, or the VAP loading current
settings are too high.
0b: Not is VAP failure <default at POR>
1b: In VAP failure, the charger exits VAP mode, and latches off
until the host writes this bit to 0.
0
STAT_EXIT_VAP
R/W
0b
When the charger is operated in VAP mode, it can exit VAP by
either host or ACOV/ACOC/SYSOVP/BATOVP/VSYS_UVP faults.
0b: STAT_EXIT_VAP is not active <default at POR>
1b: STAT_EXIT_VAP is active, PROCHOT pin is low until host
writes this status bit to 0.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com