Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 17 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 13Page - Texas Instruments BQ25713 Datasheet HTML 14Page - Texas Instruments BQ25713 Datasheet HTML 15Page - Texas Instruments BQ25713 Datasheet HTML 16Page - Texas Instruments BQ25713 Datasheet HTML 17Page - Texas Instruments BQ25713 Datasheet HTML 18Page - Texas Instruments BQ25713 Datasheet HTML 19Page - Texas Instruments BQ25713 Datasheet HTML 20Page - Texas Instruments BQ25713 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
7.5 Electrical Characteristics(BQ25730) (continued)
VVBUS_UVLOZ < VVBUS < VVBUSOV_FALL , TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IDCHG_DEG1
IDCHG threshold1
deglitch time
Reg0x39h[1:0]=01b
1.25
sec
IDCHG_TH2
IDCHG threshold2 for
throttling for IDSCHG
of 6 A
Reg0x39[7:2]=010000b 3C[5:3]=001b,with 5mΩ
RSR current sensing resistor
24.576
A
96%
103%
tDCHG_DEG2
IDCHG threshold2
deglitch time
Reg0x3C[7:6]=01b
1.6
ms
INDEPENDENT COMPARATOR
VINDEP_CMP
Independent
comparator threshold
Reg0x30h[7]= 1, CMPIN falling
1.17
1.2
1.23
V
Reg0x30h[7]= 0, CMPIN falling
2.27
2.3
2.33
V
VINDEP_CMP_HYS
Independent
comparator
hysteresis
CMPIN falling
100
mV
POWER MOSFET DRIVER
PWM OSCILLATOR AND RAMP
FSW
PWM switching
frequency
Reg0x01[1] = 0
680
800
920
kHz
Reg0x01[1] = 1
340
400
460
kHz
BATFET GATE DRIVER (BATDRV)
VBATDRV_ON
Gate drive voltage on
BATFET
8.5
10
11.5
V
VBATDRV_DIODE
Drain-source voltage
on BATFET during
ideal diode operation
30
mV
RBATDRV_ON
Measured by
sourcing 10 µA
current to BATDRV
3
4
6
kΩ
RBATDRV_OFF
Measured by sinking
10 µA current from
BATDRV
1.2
2.1
kΩ
PWM HIGH SIDE DRIVER (HIDRV Q1)
RDS_HI_ON_Q1
The resistance of the
gate driver loop for
turning on Q1
VBTST1 - VSW1 = 5 V
6
Ω
RDS_HI_OFF_Q1
The resistance of the
gate driver loop for
turning off Q1
VBTST1 - VSW1 = 5 V
1.3
2.2
Ω
VBTST1_REFRESH
Bootstrap refresh
comparator falling
threshold voltage
VBTST1 - VSW1 when low-side refresh pulse is
requested
3.2
3.7
4.6
V
PWM HIGH SIDE DRIVER (HIDRV Q4)
RDS_HI_ON_Q4
The resistance of the
gate driver loop for
turning on Q4
VBTST2 - VSW2 = 5 V
6
Ω
RDS_HI_OFF_Q4
The resistance of the
gate driver loop for
turning off Q4
VBTST2 - VSW2 = 5 V
1.5
2.4
Ω
VBTST2_REFRESH
Bootstrap refresh
comparator falling
threshold voltage
VBTST2 - VSW2 when low-side refresh pulse is
requested
3.3
3.7
4.6
V
PWM LOW SIDE DRIVER (LODRV Q2)
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com