Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 87 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 87 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 83Page - Texas Instruments BQ25713 Datasheet HTML 84Page - Texas Instruments BQ25713 Datasheet HTML 85Page - Texas Instruments BQ25713 Datasheet HTML 86Page - Texas Instruments BQ25713 Datasheet HTML 87Page - Texas Instruments BQ25713 Datasheet HTML 88Page - Texas Instruments BQ25713 Datasheet HTML 89Page - Texas Instruments BQ25713 Datasheet HTML 90Page - Texas Instruments BQ25713 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 111 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The BQ2573xEVM evaluation module (EVM) is a complete charger module for evaluating the BQ25730. The
application curves were taken using the BQ2573xEVM.
As shown in Figure 9-1, at the charger VSYS terminal, a minimum 7-μF effective MLCC capacitance (7 × 10-μF
0603 package MLCC) is suggested for a 45-W to 65-W adapter, and two more 10-μF MLCC capacitors are
needed when power reaches 90 W. Overall 50-μF effective capacitance on VSYS net is necessary (POSCAP
is preferred). These capacitors do not have to be placed at the charger VSYS output terminal; all capacitors
connected to VSYS net can be counted including the input capacitor of the next stage converters.
9.2 Typical Application
BQ25730
ACN
VBUS
HIDRV1
SRN
IADPT
IBAT
PSYS
VBUS
HIDRV2
SRP
BATDRV
VDDA
COMP1
COMP2
3.3V or 1.8V
CELL_BATPRES
PROCHOT
ACP
SYS
Host
(I2C)
Q1
Q2
Q3
Q4
REGN
PGND
ILIM_HIZ
RAC=5m
m
2.2–3.3uF
1uF
REGN
10
10k
10k
10k
10k
100pF
100pF
30k
VDDA
250k
350k
10
10
220k
380k
To Host
47nF
47nF
1.0uF
0.1uF
6x10uF
1uF
10k
RSR=5m
m
1nF
33nF
33nF
3.3V or 1.8V
191k
7x10uF
40.2k
33pF
4.7nF
15k
680pF
15pF
4.7uH
10nF
1x33uF
(Optional)
VSYS
2x33uF
2x10uF
BATT
(1-5s)
10nF
Figure 9-1. Application Diagram of BQ25730 with Power Path
9.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage(2)
3.5 V < Adapter Voltage < 26V
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
87
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com