Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 69 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 69 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 65Page - Texas Instruments BQ25713 Datasheet HTML 66Page - Texas Instruments BQ25713 Datasheet HTML 67Page - Texas Instruments BQ25713 Datasheet HTML 68Page - Texas Instruments BQ25713 Datasheet HTML 69Page - Texas Instruments BQ25713 Datasheet HTML 70Page - Texas Instruments BQ25713 Datasheet HTML 71Page - Texas Instruments BQ25713 Datasheet HTML 72Page - Texas Instruments BQ25713 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 111 page
background image
8.6.14 ProchotOption0 Register (I2C address = 37/36h) [reset = 4A81h(2S~5s) 4A09(1S)]
To set VSYS_TH1 threshold to trigger discharging VBUS in VAP mode, write a 6-bit VSYS_TH1 register
command (REG0x36<7:2>()) using the data format listed in Figure 8-29, Table 8-34, and Table 8-35. The
charger Measure on VSYS with fixed 5-µs deglitch time. Trigger when SYS pin voltage is below the thresholds.
The threshold range from 3.2 V (000000b) to 9.5 V (111111b) for 2s~5s and 3.2 V (000000b) to 3.9 V (000111b)
for 1S, with 100-mV step resolution. There is a fixed DC offset which is 3.2 V. Under 1S application writing
beyond 3.9 V will be ignored. For example 000111b and xxx111b result in same VSYS_TH1 setting 3.9 V. Upon
POR, the VSYS_TH1 threshold to trigger VBUS discharge in VAP mode is 3.4 V (000010b) for 1S and 6.400 V
(100000b) for 2s~5s.
Figure 8-29. ProchotOption0 Register (I2C address = 37/36h) [reset = 4A81h(2S~5s) 4A09(1S)]
7
6
5
4
3
2
1
0
ILIM2_VTH
ICRIT_DEG
PROCHOT_VI
NDPM_80_90
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
VSYS_TH1
INOM_DEG
LOWER_PRO
CHOT_VINDP
M
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-34. ProchotOption0 Register (I2C address = 37h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-3
ILIM2_VTH
R/W
01001b
ILIM2 Threshold
5 bits, percentage of IIN_DPM in 0x25/24. Measure current between ACP and
ACN.
Trigger when the current is above this threshold:
00001b - 11001b: 110% - 230%, step 5%
11010b - 11110b: 250% - 450%, step 50%
11111b: Out of Range (Ignored)
Default 150%, or 01001
2-1
ICRIT_DEG
R/W
01b
ICRIT Deglitch time
ICRIT threshold is set to be 110% of ILIM2.
Typical ICRIT deglitch time to trigger PROCHOT.
00b: 15 µs
01b: 100 µs <default at POR>
10b: 400 µs (max 500 μs)
11b: 800 µs (max 1 ms)
0
PROCHOT_VINDPM_
80_90
R/W
0b
Lower threshold of the PROCHOT_VINDPM comparator
When REG0x36[0]=1, the threshold of the PROCHOT_VINDPM comparator is
determined by this bit setting.
0b: 83% of VinDPM threshold <default at POR>.
1b: 91% of VinDPM threshold
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com