Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 71 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 71 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 67Page - Texas Instruments BQ25713 Datasheet HTML 68Page - Texas Instruments BQ25713 Datasheet HTML 69Page - Texas Instruments BQ25713 Datasheet HTML 70Page - Texas Instruments BQ25713 Datasheet HTML 71Page - Texas Instruments BQ25713 Datasheet HTML 72Page - Texas Instruments BQ25713 Datasheet HTML 73Page - Texas Instruments BQ25713 Datasheet HTML 74Page - Texas Instruments BQ25713 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
8.6.15 ProchotOption1 Register (I2C address = 39/38h) [reset = 41A0h]
Figure 8-30. ProchotOption1 Register (I2C address = 39/38h) [reset = 41A0h]
7
6
5
4
3
2
1
0
IDCHG_TH1
IDCHG_DEG1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
PP_VINDPM
PP_COMP
PP_ICRIT
PP_INOM
PP_IDCHG1
PP_VSYS
PP_BATPRES
PP_ACOK
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
When the REG0x38h[7:0] are set to be disabled, the PROCHOT event associated with that bit will not be
reported in the PROCHOT status register REG0x22h[7:0] any more, and the PROCHOT pin will not be pulled
low any more if the event happens.
Table 8-36. ProchotOption1 Register (I2C address = 39h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7-2
IDCHG_TH1
R/W
010000b IDCHG level 1 Threshold
6 bit, range, range 0 A to 64512 mA, step 1024 mA.
Measure current between SRN and SRP.
Trigger when the discharge current is above the threshold.
If the value is programmed to 000000b PROCHOT is always triggered.
Default: 16256 mA or 010000b
1-0
IDCHG_DEG1
R/W
01b
IDCHG level 1 Deglitch Time
00b: 78 ms
01b: 1.25s <default at POR>
10b: 5s
11b: 20s
Table 8-37. ProchotOption1 Register (I2C address = 38h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
PP_VINDPM
R/W
1b
VINDPM PROCHOT Profile
When all the REG0x38[7:0] , REG0x3D[1], REG0x3C[2]bits are 0, PROCHOT
function is disabled.
0b: disable
1b: enable<default at POR>
6
PP_COMP
R/W
0b
Independent comparator PROCHOT Profile
When not in low power mode(Battery only), use this bit to control independent
comparator PROCHOT profiles.
When in low power mode(Battery only), this bit will lose controllability
to independent comparator PROCHOT profiles. Need to use
EN_PROCHOT_LPWR to enable independent comparator and its PROCHOT
profile.
0b: disable <default at POR>
1b: enable
5
PP_ICRIT
R/W
1b
ICRIT PROCHOT Profile
0b: disable
1b: enable <default at POR>
4
PP_INOM
R/W
0b
INOM PROCHOT Profile
0b: disable <default at POR>
1b: enable
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com