Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 25 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 25 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 21Page - Texas Instruments BQ25713 Datasheet HTML 22Page - Texas Instruments BQ25713 Datasheet HTML 23Page - Texas Instruments BQ25713 Datasheet HTML 24Page - Texas Instruments BQ25713 Datasheet HTML 25Page - Texas Instruments BQ25713 Datasheet HTML 26Page - Texas Instruments BQ25713 Datasheet HTML 27Page - Texas Instruments BQ25713 Datasheet HTML 28Page - Texas Instruments BQ25713 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
8 Detailed Description
8.1 Overview
The BQ25730 is a narrow VDC buck-boost charger controller for oxygen concentrator, ventilator, and portable
electronics such as tablet and other mobile devices with rechargeable batteries. It provides seamless transition
between different converter operation modes (buck, boost, or buck-boost), fast transient response, and high light
load efficiency.
The BQ25730 supports a wide range of power sources, including USB-C PD ports, legacy USB ports, traditional
AC-DC adapters, and so forth. It takes input voltage from 3.5 V to 26 V and charges a battery of 1 to 5 cells in
series. In the absence of an input source, the BQ25730 supports the USB On-the-Go (OTG) function from a 1- to
5-cell battery to generate an adjustable 3 V to 24 V at the USB port with 8-mV resolution.
The BQ25730 features Dynamic Power Management (DPM) to limit input power and avoid AC adapter
overloading. During battery charging, as system power increases, charging current is reduced to maintain total
input current below adapter rating. If system power demand temporarily exceeds adapter rating, the BQ25730
supports the NVDC architecture to allow battery discharge energy to supplement system power.
The latest version of the USB-C PD specification includes Fast Role Swap (FRS) to ensure power role swapping
occurs in a timely fashion so that the device(s) connected to the dock never experience momentary power loss
or glitching. The device integrates FRS with compliance to the USB-C PD specification.
The TI patented switching frequency dithering pattern can significantly reduce EMI noise over the entire
conductive EMI frequency range (150 kHz to 30 MHz). Multiple dithering scale options are available to provide
flexibility for different applications to simplify EMI noise filter design.
The I2C host controls input current, charge current, and charge voltage registers with high resolution, high
accuracy regulation limits.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com