Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 77 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 77 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 73Page - Texas Instruments BQ25713 Datasheet HTML 74Page - Texas Instruments BQ25713 Datasheet HTML 75Page - Texas Instruments BQ25713 Datasheet HTML 76Page - Texas Instruments BQ25713 Datasheet HTML 77Page - Texas Instruments BQ25713 Datasheet HTML 78Page - Texas Instruments BQ25713 Datasheet HTML 79Page - Texas Instruments BQ25713 Datasheet HTML 80Page - Texas Instruments BQ25713 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 111 page
background image
8.6.18 Vmin Active Protection Register (I2C address = 3F/3Eh) [reset = 006Ch(2s~5s)/0004h(1S)]
To set the VAP VBUS PROCHOT trigger threshold, write a 7-bit Vmin Active Protection register command
(REG0x3F[7:1]) using the data format listed in Figure 8-33 and Table 8-42. The charger provides VAP mode
VBUS PROCHOT trigger threshold range from 3.2 V (0000000b) to 15.9 V (1111111b), with 100-mV step
resolution. There is a fixed offset of 3.2 V. Upon POR, the VBUS PROCHOT trigger threshold is 3.2 V
(0000000b).
To set VSYS_TH2 Threshold to assert STAT_VSYS, write a 6-bit Vmin Active Protection register command
(REG0x3E[7:2]) using the data format listed in Figure 8-33 and Table 8-43. The charger Measure on VSYS with
fixed 5-µs deglitch time. Trigger when SYS pin voltage is below the thresholds. The threshold range from 3.2
V (000000b) to 9.5 V (111111b) for 2s~5s and 3.2 V (000000b) to 3.9 V (000111b) for 1S, with 100-mV step
resolution. There is a fixed DC offset which is 3.2 V. Under 1S application writing beyond 3.9 V will be ignored.
For example, xxx111b and 000111b result in same VSYS_TH2 setting 3.9 V. Upon POR, the VSYS PROCHOT
trigger threshold is 3.2 V (000000b) for 1S and 5.9 V (011011b) for 2s~5s .
Figure 8-33. Vmin Active Protection Register (I2C address = 3F/3Eh) [reset = 0070h/0004h]
7
6
5
4
3
2
1
0
VBUS_VAP_TH
Bit6
VBUS_VAP_TH
Bit5
VBUS_VAP_TH
Bit4
VBUS_VAP_TH
Bit3
VBUS_VAP_T
H Bit2
VBUS_VAP_TH
Bit1
VBUS_VAP_TH
Bit0
Reserved
R/W
R/W
7
6
5
4
3
2
1
0
VSYS_TH2 Bit6 VSYS_TH2 Bit5 VSYS_TH2 Bit4 VSYS_TH2 Bit3
VSYS_TH2
Bit2
VSYS_TH2 Bit1 EN_TH2_FOLL
OW_TH1
EN_FRS
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-42. Vmin Active Protection Register (I2C address = 3Fh) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
VBUS_VAP_TH, Bit6
R/W
0b
0 = Adds 0 mV of VAP Mode VBUS PROCHOT trigger voltage threshold
1 = Adds 6400 mV of VAP Mode VBUS PROCHOT trigger voltage
threshold
6
VBUS_VAP_TH, Bit5
R/W
0b
0 = Adds 0 mV of VAP Mode VBUS PROCHOT trigger voltage threshold
1 = Adds 3200 mV of VAP Mode VBUS PROCHOT trigger voltage
threshold
5
VBUS_VAP_TH, Bit4
R/W
0b
0 = Adds 0 mV of VAP Mode VBUS PROCHOT trigger voltage threshold
1 = Adds 1600 mV of VAP Mode VBUS PROCHOT trigger voltage
threshold
4
VBUS_VAP_TH, Bit3
R/W
0b
0 = Adds 0 mV of VAP Mode VBUS PROCHOT trigger voltage threshold
1 = Adds 800 mV of VAP mode VBUS PROCHOT trigger voltage threshold
3
VBUS_VAP_TH, Bit2
R/W
0b
0 = Adds 0 mV of VAP mode VBUS PROCHOT trigger voltage threshold
1 = Adds 400 mV of VAP mode VBUS PROCHOT trigger voltage threshold
2
VBUS_VAP_TH, Bit1
R/W
0b
0 = Adds 0 mV of VAP mode VBUS PROCHOT trigger voltage threshold
1 = Adds 200 mV of VAP mode VBUS PROCHOT trigger voltage threshold
1
VBUS_VAP_TH, Bit0
R/W
0b
0 = Adds 0 mV of VAP mode VBUS PROCHOT trigger voltage threshold
1 = Adds 100 mV of VAP mode VBUS PROCHOT trigger voltage threshold
0
Reserve
R/W
0b
Reserve
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com