Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 28 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 28 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 24Page - Texas Instruments BQ25713 Datasheet HTML 25Page - Texas Instruments BQ25713 Datasheet HTML 26Page - Texas Instruments BQ25713 Datasheet HTML 27Page - Texas Instruments BQ25713 Datasheet HTML 28Page - Texas Instruments BQ25713 Datasheet HTML 29Page - Texas Instruments BQ25713 Datasheet HTML 30Page - Texas Instruments BQ25713 Datasheet HTML 31Page - Texas Instruments BQ25713 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 111 page
background image
IDCHG_TH2
IDCHG_DEG1
IDCHG_TH1
0A
/PROCHOT
IDCHG_DEG1
IDCHG_DEG2
IDCHG_DEG2
Figure 8-1. Two-Level Battery Discharging Current Trigger PROCHOT Diagram
8.3.3 Fast Role Swap Feature
Fast Role Swap (FRS) means charger quickly swaps from power sink role to power source role to provide an
OTG output voltage to accessories when the original power source is disconnected. This feature is defined to
transfer the charger from forward mode to OTG mode quickly without dropping VBUS voltage per USB-C PD
specification requirement.Please contact factory for more detail information about FRS mode.
8.3.4 CHRG_OK Indicator
CHRG_OK is an active HIGH open drain indicator. It indicates the charger is in normal operation when the
following conditions are valid:
• VBUS is above VVBUS_CONVEN
• VBUS is below VACOV_FALL
• No faults triggered such as: SYSOVP/SYSUVP/ACOC/TSHUT/BATOVP/BATOC/force converter off.
8.3.5 Input and Charge Current Sensing
The charger supports 10 mΩ and 5 mΩ for both input current sensing and charge current sensing. By default, 5
mΩ is enabled by POR setting RSNS_RAC=1b and RSNS_RSR=1b, if 10-mΩ sensing is used please configure
RSNS_RAC=0b and RSNS_RSR=0b. Lower current sensing resistor can help improve overall charge efficiency
especially under heavy load. At same time PSYS,IADPT,IBAT pin accuracy and IINDPM/ICHG/IOTG regulation
accuracy get worse due to effective signal reduction in comparison to error signal components.
When RSNS_RAC=RSNS_RSR=0b and 10 mΩ is used for both input and charge current sensing, the pre-
charge current clamp is 384 mA (2 A for 1S if VSYS_MIN>VBAT>3 V ), the maximum IIN_HOST setting is
clamped at 6.35 A, and the maximum charge current is clamped at 8.128 A.
When RSNS_RAC=RSNS_RSR=1b and 5 mΩ is used for both input and charge current sensing, the charger
will internally compensate pre-charge current clamp to be 384 mA (2 A for 1S if VSYS_MIN>VBAT>3 V )
under 5-mΩ current sensing which keeps consistent between 10 mΩ and 5 mΩ. Under 5-mΩ current sensing
application charge current range is doubled to 16.256 A. Based on EN_FAST_5MOHM register bit status and
IADPT pin resistor the maximum input current can be configured referring to Table 8-1:
For defined current sense resistors (10 mΩ/5 mΩ), PSYS function is still valid when unsymmetrical input current
sense and charge current sense resistors are used. But RSNS_RAC and RSNS_RSR bit status have to be
consistent with practical resistors used in the system.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com