Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 33 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 33 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 29Page - Texas Instruments BQ25713 Datasheet HTML 30Page - Texas Instruments BQ25713 Datasheet HTML 31Page - Texas Instruments BQ25713 Datasheet HTML 32Page - Texas Instruments BQ25713 Datasheet HTML 33Page - Texas Instruments BQ25713 Datasheet HTML 34Page - Texas Instruments BQ25713 Datasheet HTML 35Page - Texas Instruments BQ25713 Datasheet HTML 36Page - Texas Instruments BQ25713 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 111 page
background image
8.3.18 Input Current Optimizer (ICO)
For a recognized input adapter, IINDPM can be configured precisely to prevent adapter collapasing. When a
third party unknown adapter is used, then input voltage regulation (VINDPM) feature can be leveraged to prevent
input crash. With the increasing of input current, voltage drops along the input cable also increases and voltage
measured it charger input port decreases accordingly. VINDPM feature can limit input power from adapter by
regulating VBUS at certain value configured at InputVoltage register(0x0Bh/0Ah[]). However, the adapter may
still overheat when it is kept running at its voltage limit for a long period of time. Therefore, it is preferred to
operate the third party adapter slightly under its current rating. The Input Current Optimizer (ICO) feature can
automatically maximize the power of unknown input adapter without continuously working under VINDPM. Note
the ICO feature can only be employed when the adapter input current limit is at least 500 mA. Please contact
factory for more detail information about ICO feature.
8.3.19 Two-Level Adapter Current Limit (Peak Power Mode)
Usually adapter can supply current higher than DC rating for a few milliseconds to tens of milliseconds. The
charger employs two-level input current limit, or peak power mode, to fully utilize the overloading capability
and minimize battery discharge during system load transient. The level 1 current limit, or ILIM1, is the same as
adapter DC current, set in IIN_DPM register. The level 2 overloading current, or ILIM2, is set in ILIM2_VTH, as a
percentage of ILIM1.
When the charger detects input current surge and battery discharge due to load transient (both the adapter
and battery support the system together), or when the charger detects the system voltage starts to drop below
VSYS_MIN setting due to load transient (only the adapter supports the system), the charger will first apply ILIM2
for TOVLD (PKPWR_TOVLD_DEG register bits), and then ILIM1 for up to TMAX – TOVLD time. TMAX is programmed
in PKPWR_TMAX register bits. After TMAX, if the load is still high, another peak power cycle starts. Charging is
disabled during TMAX and TOVLD already expires; once TMAX, expires, a new cycle starts and resumes charging
automatically.
To prepare entering peak power follow below steps:
• Set EN_IIN_DPM=1b to enable input current dynamic power management.
• Set EN_EXTILIM=0b to disable external current limit.
• Set register IIN_HOST based on adapter output current rating as the level 1 current limit(ILIM1)
• Set register bits ILIM2_VTH according to the adapter overload capability as the level 2 current limit(ILIM2) .
• Set register bits PKPWR_TOVLD_DEG as ILIM2 effective duration time for each peak power mode operation
cycle based on adapter capability.
• Set register bits PKPWR_TMAX as each peak power mode operation cycling time based on adapter
capability.
Depends on the battery existence and charge status peak power mode can be finally enabled with two different
approaches:
• When battery is depleted in which VBAT is lower than VSYS_MIN setting or battery is removed, host need
to set EN_PKPWR_VSYS=1b to enable peak power mode triggered by system voltage undershoot. The
under-shoot threshold is the VSYS_MIN register setting which is the system regulation point before load
transient happens. Typical application waveform refer to Figure 9-22.
• When battery is not depleted in which VBAT is higher than VSYS_MIN setting, host need to set
EN_PKPWR_IIN_DPM=1b to enable peak power mode triggered by input current overshoot. The overshoot
threshold is IIN_DPM register which is same as the level 1 current limit (ILIM1). Typical application waveform
refer to Figure 9-23.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com