Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 54 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 54 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 50Page - Texas Instruments BQ25713 Datasheet HTML 51Page - Texas Instruments BQ25713 Datasheet HTML 52Page - Texas Instruments BQ25713 Datasheet HTML 53Page - Texas Instruments BQ25713 Datasheet HTML 54Page - Texas Instruments BQ25713 Datasheet HTML 55Page - Texas Instruments BQ25713 Datasheet HTML 56Page - Texas Instruments BQ25713 Datasheet HTML 57Page - Texas Instruments BQ25713 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 111 page
background image
Table 8-14. ChargerStatus Register (I2C address = 21h) Field Descriptions (continued)
BIT
FIELD
TYPE
RESET
DESCRIPTION
0
IN_OTG
R
0b
0b: Charger is not in OTG
1b: Charge is in OTG
Table 8-15. ChargerStatus Register (I2C address = 20h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Fault ACOV
R
0b
The status are latched if triggered until a read from host.
0b: No fault
1b: ACOV
6
Fault BATOC
R
0b
The status is latched if triggered until a read from host. Fault
indicator for BATOC only during normal operation. However, in PTM
mode when EN_BATOC=1b, this status bit is fault indicator for both
BATOVP and BATOC; when EN_BATOC=0b, this status bit is not
effective.
0b: No fault
1b: BATOC is triggered
5
Fault ACOC
R
0b
The status is latched if triggered until a read from host.
0b: No fault
1b: ACOC
4
Fault SYSOVP
R/W
0b
SYSOVP Status and Clear. SYSOVP fault is latched until a clear
from host by writing this bit to 0.
When the SYSOVP occurs, this bit is HIGH. During the SYSOVP, the
converter is disabled.
After the SYSOVP is removed, the user must write a 0 to this bit
or unplug the adapter to clear the SYSOVP condition to enable the
converter again.
0b: Not in SYSOVP <default at POR>
1b: In SYSOVP. When SYSOVP is removed, write 0 to clear the
SYSOVP latch.
3
Fault VSYS_UVP
R/W
0b
VSYS_UVP fault status and clear. VSYS_UVP fault is latched until a
clear from host by writing this bit to 0.
0b: No fault <default at POR>
1b: When system voltage is lower than VSYS_UVP, then 7 times
restart tries are failed.
2
Fault Force_Converter_Off
R
0b
The status is latched if triggered until a read from host.
0b: No fault
1b: Force converter off triggered (when FORCE_CONV_OFF
(REG0x30[3])=1b)
1
Fault_OTG_OVP
R
0b
The status is latched if triggered until a read from host.
0b: No fault
1b: OTG OVP fault is triggered
0
Fault_OTG_UVP
R
0b
The status is latched if triggered until a read from host.
0b: No fault
1b: OTG UVP fault is triggered
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
54
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com