Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 36 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 36 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 32Page - Texas Instruments BQ25713 Datasheet HTML 33Page - Texas Instruments BQ25713 Datasheet HTML 34Page - Texas Instruments BQ25713 Datasheet HTML 35Page - Texas Instruments BQ25713 Datasheet HTML 36Page - Texas Instruments BQ25713 Datasheet HTML 37Page - Texas Instruments BQ25713 Datasheet HTML 38Page - Texas Instruments BQ25713 Datasheet HTML 39Page - Texas Instruments BQ25713 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 111 page
background image
Below lists the register setting to enable PROCHOT monitoring system voltage in low power mode.
• EN_LWPWR = 1b to enable charger low power mode.
• REG0x38[7:0] = 00h
• REG0x30[6:4] = 000b
• Independent comparator threshold is always 1.2 V
• When EN_PROCHOT_LPWR = 1b, charger monitors system voltage. Connect CMPIN to voltage
proportional to system voltage. PROCHOT triggers from HIGH to LOW when CMPIN voltage falls below
1.2 V.
PROCHOT
Independent
Comparator
1.2 V
CMPIN
VSYS
v
Voltage
Figure 8-5. PROCHOT Low Power Mode Implementation
8.3.20.2 PROCHOT Status
report which event in the profile triggers PROCHOT if the corresponding bit is set to 1. The status bit can be
reset back to 0 after it is read by the host, when the current PROCHOT event is not active any more.
Assume there are two PROCHOT events, event A and event B. Event A triggers PROCHOT first, but event B
is also active. Both status bits will be HIGH. At the end of the 10-ms PROCHOT pulse, if any of the PROCHOT
event is still active (either A or B), the PROCHOT pulse is extended.
8.3.21 Device Protection
8.3.21.1 Watchdog Timer
The charger includes a watchdog timer to terminate charging if the charger does not receive a
write ChargeVoltage() or write ChargeCurrent() command within 175s (default value and adjustable via
WDTMR_ADJ). When watchdog timeout occurs, all register values are kept unchanged except ChargeCurrent()
resets to 0 A . Write ChargeVoltage() or write ChargeCurrent() commands must be resent to reset watchdog
timer. Writing WDTMR_ADJ = 00b to disable watchdog timer or update new watchdog timer values can also
reset watchdog timer. New non-zero charge current value has to be written to ChargeCurrent() register to
resume charging after watchdog timer expires.
8.3.21.2 Input Overvoltage Protection (ACOV)
The charger has fixed ACOV voltage threshold with hysteresis. When VBUS pin voltage is higher than
VACOV_RISE for more than 100 μs, it is considered as adapter overvoltage. CHRG_OK pin will be pulled low
by the charger, and the converter will be disabled. As system falls below battery voltage, BATFET will be turned
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com