Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 66 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 66 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 62Page - Texas Instruments BQ25713 Datasheet HTML 63Page - Texas Instruments BQ25713 Datasheet HTML 64Page - Texas Instruments BQ25713 Datasheet HTML 65Page - Texas Instruments BQ25713 Datasheet HTML 66Page - Texas Instruments BQ25713 Datasheet HTML 67Page - Texas Instruments BQ25713 Datasheet HTML 68Page - Texas Instruments BQ25713 Datasheet HTML 69Page - Texas Instruments BQ25713 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 111 page
background image
Table 8-31. ChargeOption2 Register (I2C address = 32h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
EN_EXTILIM
R/W
1b
Enable ILIM_HIZ pin to set input current limit
0b: Input current limit is set by IIN_DPM register..
1b: Input current limit is set by the lower value of ILIM_HIZ pin and
IIN_DPM register.. <default at POR>
6
EN_ICHG_IDCHG
R/W
0b
0b: IBAT pin as discharge current. <default at POR>
1b: IBAT pin as charge current.
5
Q2_OCP
R/W
1b
Q2 OCP threshold by sensing Q2 VDS
0b: 210 mV
1b: 150 mV <default at POR>
4
ACX_OCP
R/W
1b
Fixed Input current OCP threshold by sensing ACP-ACN, converter
is disabled immediately when triggered non latch protection resume
switching automatically after ACX comparator release.
0b: 280 mV(RSNS_RAC=0b)/200 mV(RSNS_RAC=1b)
1b: 150 mV(RSNS_RAC=0b)/100 mV(RSNS_RAC=1b) <default at
POR>
3
EN_ACOC
R/W
0b
ACOC Enable
Configurable Input overcurrent (ACOC) protection by sensing the
voltage across ACP and ACN. Upon ACOC (after 250-μs blank-out
time), converter is disabled. Non latch fault, after 250-ms falling edge
de-glitch time converter starts switching automatically.
0b: Disable ACOC <default at POR>
1b: ACOC threshold 133% or 200% ILIM2
2
ACOC_VTH
R/W
1b
ACOC Limit
Set MOSFET OCP threshold as percentage of IIN_DPM with current
sensed from RAC.
0b: 133% of ILIM2
1b: 200% of ILIM2 <default at POR>
1
EN_BATOC
R/W
1b
BATOC
Battery discharge overcurrent (BATOC) protection by sensing the
voltage across SRN and SRP. Upon BATOC, converter is disabled.
0b: Disable BATOC
1b: Enable BATOC threshold 133% or 200% PROCHOT IDCHG_TH2
<default at POR>
0
BATOC_VTH
R/W
1b
Set battery discharge overcurrent threshold as percentage of
PROCHOT battery discharge current limit. Note when SRN and SRP
common voltage is low for 1S application, the BATOC threshold could
be derating.
0b: 133% of PROCHOT IDCHG_TH2
1b: 200% of PROCHOT IDCHG _TH2<default at POR>
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
66
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com