Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 51 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 51 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 47Page - Texas Instruments BQ25713 Datasheet HTML 48Page - Texas Instruments BQ25713 Datasheet HTML 49Page - Texas Instruments BQ25713 Datasheet HTML 50Page - Texas Instruments BQ25713 Datasheet HTML 51Page - Texas Instruments BQ25713 Datasheet HTML 52Page - Texas Instruments BQ25713 Datasheet HTML 53Page - Texas Instruments BQ25713 Datasheet HTML 54Page - Texas Instruments BQ25713 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 111 page
background image
8.6.3 ChargeVoltage Register (I2C address = 05/04h) [reset value based on CELL_BATPRESZ pin setting]
To set the output charge voltage, write a 16-bit ChargeVoltage register command (REG0x05/04h()) using the
data format listed in Figure 8-18, Table 8-12, and Table 8-13. The charger provides charge voltage range from
1.024 V to 23.000 V, with 8-mV step resolution. Any write below 1.024 V or above 23.000 V is ignored.
Upon POR, ChargeVoltage() is by default set as 4200 mV for 1 s, 8400 mV for 2 s, 12600 mV for 3 s or 16800
mV for 4 s, 21000 mV for 5s. After CHRG_OK goes high, the charge will start when the host writes the charging
current to ChargeCurrent() register, the default charging voltage is used if ChargeVoltage() is not programmed. If
the battery is different from 4.2 V/cell, the host has to write to ChargeVoltage() before ChargeCurrent() register
for correct battery voltage setting. Writing ChargeVoltage() to 0 should keep ChargeVoltage() value unchanged,
and force ChargeCurrent() register to zero to disable charge.
The SRN pin senses the battery voltage for voltage regulation and should be connected as close to the battery
as possible.
Figure 8-18. ChargeVoltage Register (I2C address = 05/04h) [reset value based on CELL_BATPRESZ pin
setting]
7
6
5
4
3
2
1
0
Reserved
Charge Voltage,
bit 11
Charge Voltage,
bit 10
Charge Voltage,
bit 9
Charge Voltage,
bit 8
Charge Voltage,
bit 7
Charge Voltage,
bit 6
Charge Voltage,
bit 5
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Charge Voltage,
bit 4
Charge Voltage,
bit 3
Charge Voltage,
bit 2
Charge Voltage,
bit 1
Charge Voltage,
bit 0
Reserved
R/W
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-12. ChargeVoltage Register (I2C address = 05h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Reserved
R/W
0b
Not used. 1 = invalid write.
6
Charge Voltage, bit 11
R/W
0b
0 = Adds 0 mV of charger voltage.
1 = Adds 16384 mV of charger voltage.
5
Charge Voltage, bit 10
R/W
0b
0 = Adds 0 mV of charger voltage.
1 = Adds 8192 mV of charger voltage
4
Charge Voltage, bit 9
R/W
0b
0 = Adds 0 mV of charger voltage.
1 = Adds 4096 mV of charger voltage.
3
Charge Voltage, bit 8
R/W
0b
0 = Adds 0 mV of charger voltage.
1 = Adds 2048 mV of charger voltage.
2
Charge Voltage, bit 7
R/W
0b
0 = Adds 0 mV of charger voltage.
1 = Adds 1024 mV of charger voltage.
1
Charge Voltage, bit 6
R/W
0b
0 = Adds 0 mV of charger voltage.
1 = Adds 512 mV of charger voltage.
0
Charge Voltage, bit 5
R/W
0b
0 = Adds 0 mV of charger voltage.
1 = Adds 256 mV of charger voltage.
Table 8-13. ChargeVoltage Register (I2C address = 04h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Charge Voltage, bit 4
R/W
0b
0 = Adds 0 mV of charger voltage.
1 = Adds 128 mV of charger voltage.
6
Charge Voltage, bit 3
R/W
0b
0 = Adds 0 mV of charger voltage.
1 = Adds 64 mV of charger voltage.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com