Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 57 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 57 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 53Page - Texas Instruments BQ25713 Datasheet HTML 54Page - Texas Instruments BQ25713 Datasheet HTML 55Page - Texas Instruments BQ25713 Datasheet HTML 56Page - Texas Instruments BQ25713 Datasheet HTML 57Page - Texas Instruments BQ25713 Datasheet HTML 58Page - Texas Instruments BQ25713 Datasheet HTML 59Page - Texas Instruments BQ25713 Datasheet HTML 60Page - Texas Instruments BQ25713 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
8.6.6 IIN_DPM Register (I2C address = 25/24h) [reset = 4100h]
IIN_DPM register reflects the actual input current limit programmed in the register, either from IIN_HOST register
or from ICO.
After ICO, the current limit used by DPM regulation may differ from the IIN_HOST register settings. The actual
DPM limit is reported in IIN_DPM register.
To read the nominal or typical input current limit
• When using a 10-mΩ sense resistor (RSNS_RAC=0b). There is 50-mA offset at code 0. Note this offset is
only applied to code 0, not applied to other codes.
• When using a 5-mΩ sense resistor (RSNS_RAC=1b). There is 100-mA offset at code 0. Note this offset is
only applied to code 0, not applied to other codes.
To read the maximum input current limit, need to add 100 mA/200 mA offset based on above nominal input
current limit reading approach.
• When using a 10-mΩ sense resistor (RSNS_RAC=0b). There is 150-mA offset at code 0 and this 150 mA
offset is only applied to code 0, 100-mA offset should be added for all other non-zero codes.
• When using a 5-mΩ sense resistor (RSNS_RAC=1b). There is 300-mA offset at code 0 and this 300 mA
offset is only applied to code 0, 200-mA offset should be added for all other non-zero codes
Figure 8-21. IIN_DPM Register with 10-mΩ Sense Resistor (I2C address = 25/24h) [reset = 4100h]
7
6
5
4
3
2
1
0
Reserved
Input Current in
DPM, bit 6
Input Current in
DPM, bit 5
Input Current in
DPM, bit 4
Input Current in
DPM, bit 3
Input Current in
DPM, bit 2
Input Current in
DPM, bit 1
Input Current in
DPM, bit 0
R
R
R
R
R
R
R
R
7
6
5
4
3
2
1
0
Reserved
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 8-18. IIN_DPM Register with 5-mΩ Sense Resistor (I2C address = 25h) Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
7
Reserved
R
0b
Not used. 1 = invalid write.
6
Input Current in DPM, bit 6
R
0b
0 = Adds 0 mA of input current.
1 = Adds 6400 mA of input current.
5
Input Current in DPM, bit 5
R
0b
0 = Adds 0 mA of input current.
1 = Adds 3200 mA of input current.
4
Input Current in DPM, bit 4
R
0b
0 = Adds 0 mA of input current.
1 = Adds 1600 mA of input current.
3
Input Current in DPM, bit 3
R
0b
0 = Adds 0 mA of input current.
1 = Adds 800mA of input current
2
Input Current in DPM, bit 2
R
0b
0 = Adds 0 mA of input current.
1 = Adds 400 mA of input current.
1
Input Current in DPM, bit 1
R
0b
0 = Adds 0 mA of input current.
1 = Adds 200 mA of input current.
0
Input Current in DPM, bit 0
R
0b
0 = Adds 0 mA of input current.
1 = Adds 100 mA of input current.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com