Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 99 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 99 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 95Page - Texas Instruments BQ25713 Datasheet HTML 96Page - Texas Instruments BQ25713 Datasheet HTML 97Page - Texas Instruments BQ25713 Datasheet HTML 98Page - Texas Instruments BQ25713 Datasheet HTML 99Page - Texas Instruments BQ25713 Datasheet HTML 100Page - Texas Instruments BQ25713 Datasheet HTML 101Page - Texas Instruments BQ25713 Datasheet HTML 102Page - Texas Instruments BQ25713 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 111 page
background image
Table 11-1. PCB Layout Guidelines (continued)
RULES
COMPONENTS
FUNCTION
IMPACT
GUIDELINES
10
Ground partition
Measurement
accuracy, regulation
accuracy, jitters,
ripple
Separate analog ground(AGND) and power grounds(PGND) is
preferred. PGND should be used for all power stage related
ground net. AGND should be used for all sensing, compensation
and control network ground for example ACP/ACN/COMP1/
COMP2/CMPIN/CMPOUT/IADPT/IBAT/PSYS. Connect all
analog grounds to a dedicated low-impedance copper plane,
which is tied to the power ground underneath the IC exposed
pad. If possible, use dedicated COMP1, COMP2 AGND traces.
Connect analog ground and power ground together using power
pad as the single ground connection point.
11.2 Layout Example
11.2.1 Layout Example Reference Top View
Based on the above layout guidelines, the buck-boost charger layout example top view is shown below including
all the key power components.
Figure 11-1. Buck-Boost Charger Layout Reference Example Top View
11.2.2 Inner Layer Layout and Routing Example
For both input sensing resistor and charging current sensing resistor, differential sensing and routing method are
suggested and highlighted in below figure. Use wide trace for gate drive traces, minimum 15 mil trace width.
Connect all analog grounds to a dedicated low-impedance copper plane, which is tied to the power ground
underneath the IC exposed pad. Suggest using dedicated COMP1, COMP2 analog ground traces shown in
below figure.
www.ti.com
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
99
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com