Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 102 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 102 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 98Page - Texas Instruments BQ25713 Datasheet HTML 99Page - Texas Instruments BQ25713 Datasheet HTML 100Page - Texas Instruments BQ25713 Datasheet HTML 101Page - Texas Instruments BQ25713 Datasheet HTML 102Page - Texas Instruments BQ25713 Datasheet HTML 103Page - Texas Instruments BQ25713 Datasheet HTML 104Page - Texas Instruments BQ25713 Datasheet HTML 105Page - Texas Instruments BQ25713 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 111 page
background image
13 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (February 2021) to Revision A (January 2024)
Page
• Added IEC 62368-1 CB Certification to Features...............................................................................................1
• Changed pin name from OT/VAP/FRS to OTG/VAP/FRS in Table 6-1 ............................................................. 5
• Changed VSYS_MIN_REG_ACC from REG0x3E to REG0x0D/0C in Section 7.5 ................................................... 9
• Updated Section 8.3.5 ..................................................................................................................................... 28
• Changed from REG0x15 to REG0x04 in Section 8.3.7 ...................................................................................29
• Changed < and > in Section 8.3.16.2 ..............................................................................................................32
• Changed from REG0x34 to REG0x38 and voltage rises above to voltage falls below in Section 8.3.20.1 .... 35
• Changed IIN_DPM() Description from 50 mA to 100 mA in Table 8-7 ............................................................ 44
• Updated WDTMR_ADJ and IIN_DPM_AUTO_DISABLE Descriptions in Table 8-8 ....................................... 46
• Updated EN_CMP_LATCH and EN_LDO Descriptions in Table 8-9 ...............................................................46
• Changed from REG0x15 to REG0x05/04 in Section 8.6.3 ..............................................................................51
• Changed from REG0x21 to REG0x22 in IN_VAP Description in Table 8-14 ...................................................53
• Deleted not from 1b in IN_IIN_DPM Description in Table 8-14 ....................................................................... 53
• Changed from REG0x23[7,2],REG0x23[6:0] to REG0x22 and cleared to reset in Section 8.6.5 ................... 55
• Changed from TSHUT to Reserved and updated STAT_EXIT_VAP Description in Table 8-16 ...................... 55
• Changed from 128mA to 256mA and REG0x14 to REG0x02 in AUTO_WAKEUP_EN Description in Table
8-29 ................................................................................................................................................................. 63
• Changed from Vmin Active Protection to VSYS_TH1 and from REG0x37 to REG0x36 in Section 8.6.14 .....69
• Changed from 0x22H to 0x25/24 in ILIM2_VTH Description and from REG0x33 to REG0x36 in
PROCHOT_VINDPM_ 80_90 Description in Table 8-34 ................................................................................. 69
• Changed from REG0x3D to REG0x0B/0A in LOWER_PROCHOT_ VINDPM Description in Table 8-35 .......69
• Changed IDCHG_DEG1 Reset from 00b to 01b in Table 8-36 ....................................................................... 71
• Changed from 0b to 1b in PP_VBUS_VAP Description in Table 8-40 .............................................................75
• Changed from REG37 to REG0x3E in EN_VSYSTH2_FOLLOW_VS YSTH1 Description in Table 8-43 .......77
• Changed from REG0x09 to REG0x09/08 in Section 8.6.20 and values in bit descriptions in Table 8-46 .......81
• Changed from REG0x3E to REG0x0D/0C in Section 8.6.22 .......................................................................... 83
• Updated third paragraph in Section 8.6.23 ......................................................................................................84
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
102
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com