Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 38 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 38 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 34Page - Texas Instruments BQ25713 Datasheet HTML 35Page - Texas Instruments BQ25713 Datasheet HTML 36Page - Texas Instruments BQ25713 Datasheet HTML 37Page - Texas Instruments BQ25713 Datasheet HTML 38Page - Texas Instruments BQ25713 Datasheet HTML 39Page - Texas Instruments BQ25713 Datasheet HTML 40Page - Texas Instruments BQ25713 Datasheet HTML 41Page - Texas Instruments BQ25713 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 111 page
background image
than 2.4 V (configurable through VSYS_UVP register bits), there is 2-ms deglitch time, the IIN_DPM is clamped
to 0.5 A by the charger itself.
If hiccup mode is enabled with VSYS_UVP_NO_HICCUP = 0b, after 2-ms deglitch time, the charger should shut
down for 500 ms.The charger will restart for 10 ms if VSYS is still lower than 2.4 V, the charger should shut
down again. This hiccup mode will be tried continuously, if the charger restart failed for 7 times in 90 second, the
charger will be latched off. Fault VSYS_UVP bit will be set to 1 to report a system short fault. The charger only
can be enabled again by writing Fault VSYS_UVP bit to 0b.
If hiccup mode is disabled VSYS_UVP_NO_HICCUP = 1b. After 2-ms deglitch time, the charger should shut
down and latched off. Fault VSYS_UVP bit will be set to 1 to report a system short fault. The charger only can be
enabled again once the host writes Fault VSYS_UVP bit to 0b.
8.3.21.9 Thermal Shutdown (TSHUT)
The WQFN package has low thermal impedance, which provides good thermal conduction from the silicon to
the ambient, to keep junction temperatures low. As added level of protection, the charger converter turns off for
self-protection whenever the junction temperature reaches the 155°C. The charger stays off until the junction
temperature falls below 135°C. During thermal shut down, the REGN LDO current limit is reduced to 16 mA and
stays on. When the temperature falls below 135°C, charge can be resumed with soft start.
When thermal shut down is triggered, TSHUT status bit will be triggered. This status bit keep triggered until host
read to clear it. If TSHUT is still present during host read, then this bit will try to be cleared when host read but
finally keep triggered because TSHUT still exists.
8.4 Device Functional Modes
8.4.1 Forward Mode
When input source is connected to VBUS, BQ25730 is in forward mode to regulate system and charge battery.
8.4.1.1 System Voltage Regulation with Narrow VDC Architecture
The device employs Narrow VDC architecture (NVDC) with BATFET separating the system from the battery. The
minimum system voltage is set by VSYS_MIN register REG0x0D/0C(). Even with a depleted battery, the system
is regulated above the minimum system voltage.
When the battery is below minimum system voltage setting, the BATFET operates in linear mode (LDO mode),
and the system is regulated at VSYS_MIN register value. As the battery voltage rises above the minimum
system voltage, system voltage is regulated 150 mV above battery voltage when BATFET is turned off (no
charging or no supplement current). When in charging or in supplement mode, the voltage difference between
the system and battery is the VDS of the BATFET and the BATFET is fully on.
8.4.1.2 Battery Charging
The BQ25730 charges 1- to 5-cell battery in constant current (CC), and constant voltage (CV) mode. Based on
CELL_BATPREZ pin setting, the charger sets default battery voltage 4.2 V/cell to ChargeVoltage(). According
to battery capacity, the host programs appropriate charge current to ChargeCurrent() register. When battery is
full or battery is not in good condition to charge, host terminates charge by setting CHRG_INHIBIT bit to 1b, or
setting ChargeCurrent() to zero.
8.4.2 USB On-The-Go
The BQ25730 supports USB OTG functionality to deliver power from the battery to other portable devices
through USB port (reverse mode). The OTG output voltage is compliant with USB-C PD specification, including
5 V, 9 V, 15 V, and 20 V. The output current regulation is compliant with USB-C PD specification, including 500
mA, 1.5 A, 3 A and 5 A, and so forth.
Similar to forward operation, the device switches from PWM operation to PFM operation at light load to improve
efficiency.
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
38
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com