Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 6Page - Texas Instruments BQ25713 Datasheet HTML 7Page - Texas Instruments BQ25713 Datasheet HTML 8Page - Texas Instruments BQ25713 Datasheet HTML 9Page - Texas Instruments BQ25713 Datasheet HTML 10Page - Texas Instruments BQ25713 Datasheet HTML 11Page - Texas Instruments BQ25713 Datasheet HTML 12Page - Texas Instruments BQ25713 Datasheet HTML 13Page - Texas Instruments BQ25713 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
7.5 Electrical Characteristics(BQ25730) (continued)
VVBUS_UVLOZ < VVBUS < VVBUSOV_FALL , TJ = -40°C to +125°C, and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VSYS_MIN_REG_ACC
Minimum System
Voltage Regulation
Accuracy (VBAT
below REG0x0D/0C()
setting,OOA disabled)
REG0x0D/0C() = 0x9A00H
15.40
V
–2%
–2%
VSYS_MIN_REG_ACC
Minimum System
Voltage Regulation
Accuracy (VBAT
below REG0x0D/0C()
setting, EN_OOA=0b)
REG0x0D/0C() = 0x7B00H
12.30
V
–2%
–2%
REG0x0D/0C() = 0x5C00H
9.20
V
–2%
–2%
REG0x0D/0C() = 0x4200H
6.60
V
–3%
–3%
REG0x0D/0C() = 0x2400H
3.60
V
–3%
–3%
CHARGE VOLTAGE REGULATION
VBAT_RNG
Battery voltage
regulation
1.024
23.00
V
VBAT_REG_ACC
Battery voltage
regulation accuracy
(0°C to 85°C)
REG0x05/04() = 0x5208H
21
V
–0.5%
0.5%
VBAT_REG_ACC
Battery voltage
regulation accuracy
(0°C to 85°C)
REG0x05/04() = 0x41A0H
16.8
V
–0.5%
0.5%
REG0x05/04() = 0x3138H
12.6
V
–0.5%
0.5%
REG0x05/04() = 0x20D0H
8.4
V
–0.6%
0.6%
REG0x05/04() = 0x1068H
4.2
V
–1.1%
1.45%
CHARGE CURRENT REGULATION IN FAST CHARGE
VIREG_CHG_RNG
Charge current
regulation differential
voltage range
VIREG_CHG = VSRP – VSRN
0
81.28
mV
ICHRG_REG_ACC
Charge current
regulation accuracy
5-mΩ RSR sensing
resistor, VBAT above
VSYS_MIN(Reg0x0D
/0C)setting(0°C to
85°C)
REG0x03/02() = 0x1000H
8192
mA
–3.0%
3.0%
REG0x03/02() = 0x0800H
4096
mA
–5.0%
6.0%
REG0x03/02() = 0x0400H
2048
mA
–12%
13.5%
REG0x03/02() = 0x0200H
1024
mA
–18%
21.5%
CHARGE CURRENT REGULATION IN LDO MODE
ICLAMP
Pre-charge current
clamp under low
battery voltage
CELL(≥2 S),VSRN < VSYS_MIN
384
mA
CELL 1 S, VSRN < 3 V
384
mA
CELL 1 S, 3 V < VSRN < VSYS_MIN
2
A
BQ25730
SLUSE65A – FEBRUARY 2021 – REVISED JANUARY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: BQ25730



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com