Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25713 Datasheet(PDF) 108 Page - Texas Instruments

Part # BQ25713
Description  BQ25730 I2C 1- to 5-Cell Buck-Boost Narrow VDC Battery Charge Controller with Power Path Control and USB-C PD 3.0 OTG Output
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ25713 Datasheet(HTML) 108 Page - Texas Instruments

Back Button BQ25713 Datasheet HTML 103Page - Texas Instruments BQ25713 Datasheet HTML 104Page - Texas Instruments BQ25713 Datasheet HTML 105Page - Texas Instruments BQ25713 Datasheet HTML 106Page - Texas Instruments BQ25713 Datasheet HTML 107Page - Texas Instruments BQ25713 Datasheet HTML 108Page - Texas Instruments BQ25713 Datasheet HTML 109Page - Texas Instruments BQ25713 Datasheet HTML 110Page - Texas Instruments BQ25713 Datasheet HTML 111Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 108 / 111 page
background image
www.ti.com
PACKAGE OUTLINE
C
32X
0.25
0.15
2.8 0.05
32X
0.45
0.25
0.8 MAX
(0.2) TYP
0.05
0.00
28X 0.4
2X
2.8
2X 2.8
A
4.1
3.9
B
4.1
3.9
0.25
0.15
0.45
0.25
4X (0.45)
(0.1)
WQFN - 0.8 mm max height
RSN0032B
PLASTIC QUAD FLATPACK - NO LEAD
4219109/B 08/2019
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
1
8
17
24
9
16
32
25
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
DETAIL
SEE TERMINAL
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
33
SEE SIDE WALL
DETAIL
SCALE 3.000
DETAIL
OPTIONAL TERMINAL
TYPICAL
SIDE WALL DETAIL
OPTIONAL METAL THICKNESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com